Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD630HTA75P8HT Datasheet(PDF) 9 Page - StarPower Europe AG

Part # GD630HTA75P8HT
Description  750V/630A 6 in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD630HTA75P8HT Datasheet(HTML) 9 Page - StarPower Europe AG

Back Button GD630HTA75P8HT Datasheet HTML 3Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 4Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 5Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 6Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 7Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 8Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 9Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 10Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 11Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
GD630HTA75P8HT
IGBT Module
©2025 STARPOWER Semiconductor Ltd.
1/17/2025
9/11
B01
Fig 13. IGBT Gate Charge Characteristic
Fig 14. IGBT Capacity Characteristic
Fig 15. NTC Temperature Characteristic
-15
-10
-5
0
5
10
15
0
0.3
0.6
0.9
1.2
1.5
1.8
Q
G [μC]
V
CC=400V
I
C=540A
0.01
0.1
1
10
100
0
200
400
600
800
V
CE [V]
C
ies
C
oes
C
res
V
GE=0V
f=100kHz
T
vj=25
oC
0.1
1
10
100
0
30
60
90
120
150
T
C [
oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com