Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD820HTA75P6HT Datasheet(PDF) 7 Page - StarPower Europe AG

Part # GD820HTA75P6HT
Description  750V/820A 6 in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD820HTA75P6HT Datasheet(HTML) 7 Page - StarPower Europe AG

Back Button GD820HTA75P6HT Datasheet HTML 3Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 4Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 5Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 6Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 7Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 8Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 9Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 10Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 11Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
GD820HTA75P6HT
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
2/24/2023
7/11
Preliminary
Fig 5. IGBT Switching Loss vs. IC
Fig 6. IGBT Switching Loss vs. RG
Fig 7. RBSOA
Fig 8. IGBT Transient Thermal Impedance
0
10
20
30
40
50
60
70
80
0
150
300
450
600
750
900
I
C [A]
Eon Tj=150℃
Eoff Tj=150℃
Eon Tj=175℃
Eoff Tj=175℃
V
CC=400V
R
G=2.4Ω
V
GE=-8/+15V
0
10
20
30
40
50
60
70
80
90
100
0
4
8
12
16
20
24
R
G [Ω]
Eon Tj=150℃
Eoff Tj=150℃
Eon Tj=175℃
Eoff Tj=175℃
V
CC=400V
I
C=450A
V
GE=-8/+15V
0
300
600
900
1200
1500
1800
0 100 200 300 400 500 600 700 800
V
CE [V]
Module
R
G=2.4Ω
V
GE=-8/+15V
T
j=175
oC
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
t [s]
IGBT
i:
1
2
3
4
r
i[K/W]:
0.0042 0.0421 0.0548 0.0169
τ
i[s]:
0.0010 0.0300 0.2500 1.5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com