Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD820HTA75P6HT Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD820HTA75P6HT
Description  750V/820A 6 in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD820HTA75P6HT Datasheet(HTML) 1 Page - StarPower Europe AG

  GD820HTA75P6HT Datasheet HTML 1Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 2Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 3Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 4Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 5Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 6Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 7Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 8Page - StarPower Europe AG GD820HTA75P6HT Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GD820HTA75P6HT
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
2/24/2023
1/11
Preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD820HTA75P6HT
750V/820A 6 in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
hybrid and electric vehicle.
Features
Low VCE(sat) Trench IGBT technology
Low switching losses
6μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper pinfin baseplate using DBC technology
Typical Applications
Automotive application
Hybrid and electric vehicle
Inverter for motor drive
Equivalent Circuit Schematic


Similar Part No. - GD820HTA75P6HT

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD820HTA75P6H STARPOWER-GD820HTA75P6H Datasheet
752Kb / 11P
750V/820A 6 in one-package
2/24/2023
GD820HTA75P6HFL_M STARPOWER-GD820HTA75P6HFL_M Datasheet
776Kb / 11P
750V/820A 6 in one-package
12/1/2023
More results

Similar Description - GD820HTA75P6HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI50UA-120 ETC-6MBI50UA-120 Datasheet
119Kb / 5P
1200V / 50A 6 in one-package
logo
Fuji Electric
6MBP25TEA120 FUJI-6MBP25TEA120 Datasheet
304Kb / 8P
1200V / 25A 6 in one-package
6MBP50TEA060 FUJI-6MBP50TEA060 Datasheet
304Kb / 8P
Econo IPM series 600V / 50A 6 in one-package
6MBP150RTB060 FUJI-6MBP150RTB060 Datasheet
736Kb / 8P
600V / 150A 6 in one-package
6MBP150RA060 FUJI-6MBP150RA060 Datasheet
357Kb / 7P
600V / 150A 6 in one-package
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
1200V / 100A 6 in one-package
6MBP25RJ120 FUJI-6MBP25RJ120 Datasheet
315Kb / 8P
1200V / 25A 6 in one-package
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
6MBI35S-140 FUJI-6MBI35S-140 Datasheet
372Kb / 4P
1400V / 35A 6 in one-package
6MBP15RH060 FUJI-6MBP15RH060 Datasheet
107Kb / 5P
600V / 15A / 6 in one-package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com