Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2582L-R Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE2582L-R
Description  RangeCharger??2.4 GHz Power Amplifier with Power Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2582L-R Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE2582L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SE2582L
RangeCharger™ 2.4 GHz Power Amplifier with Power Detector
212-DST-01 Rev 1.2 Mar-27-2007
Confidential
2 of 8
QA032707
Pin Out Diagram
Figure 2: SE2582L Pin-Out Diagram
Pin Out Description
Pin No.
Name
Description
1
RFin
Power Amplifier RF input, DC block required
2
N/C
No Connect
3
N/C
No Connect
4
N/C
No Connect
5
Vdet OUT
Analog Power Detector Output
6
N/C
No Connect
7
RFout
Power Amplifier RF Output, DC block required
8
N/C
No Connect
9
N/C
No Connect
10
N/C
No Connect
11
N/C
No Connect
12
N/C
No Connect
13
N/C
No Connect
14
Vcc
Supply Voltage
15
VEN
Digital pin used to power up and power down the IC
16
N/C
No Connect
4
1
2
3
12
11
10
9
SE2582L
Bottom View
SE2582L
Top View
N/C
N/C
N/C
RFin
N/C
N/C
N/C
N/C
9
12
11
10
1
2
3
4
N/C
N/C
N/C
RFin
N/C
N/C
N/C
N/C
Die Pad
Die Pad
4
1
2
3
12
11
10
9
SE2582L
Bottom View
SE2582L
Top View
N/C
N/C
N/C
RFin
N/C
N/C
N/C
N/C
9
12
11
10
1
2
3
4
N/C
N/C
N/C
RFin
N/C
N/C
N/C
N/C
Die Pad
Die Pad



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com