Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2582L-R Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part # SE2582L-R
Description  RangeCharger??2.4 GHz Power Amplifier with Power Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2582L-R Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  SE2582L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SE2582L
RangeCharger™ 2.4 GHz Power Amplifier with Power Detector
212-DST-01 Rev 1.2 Mar-27-2007
Confidential
3 of 8
QA032707
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings for a long period of time may
cause permanent damage to, or affect the reliability of the device. Avoid operating the device outside the
recommended operating conditions defined below. This device is ESD sensitive. Handling and assembly of this
device should be at ESD protected workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on pin VCC
-0.3
4
V
VEN
Power Amplifier Enable
-0.3
4
V
RFIN
RF Input Power, RFOUT terminated in 50Ω match
-
10
dBm
TSTG
Storage Temperature Range
-40
150
°C
Tj
Maximum Junction Temperature
-
150
°C
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.9
3.6
V
TA
Ambient Temperature
-10
85
°C
DC Electrical Characteristics
Conditions: VCC = VEN = 3.3 V, TA = 25 °C, as measured on SiGe Semiconductor’s SE2582L-EV1 evaluation board,
unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-802.11b
Supply Current
POUT = 20 dBm, 11 Mbps CCK
signal, BT = 0.45,
-
134
-
mA
ICC-802.11g
Supply Current
POUT = 17.5 dBm, 54 Mbps OFDM
signal, 64 QAM
-
105
-
mA
IQC
Quiescent Current
No RF
-
48
-
mA
IOFF
Supply Current
VEN = 0 V, No RF
-
0.5
10
μA
VENH
Logic High Voltage
-
1.3
-
VCC
V
VENL
Logic Low Voltage
-
0
-
0.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com