Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3111ESA Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3111ESA
Description  PWM Control 3A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111ESA Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3111ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3111ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3111ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3111ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3111ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3111ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3111ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3111ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3111ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.3 Oct.09, 2019
AX3111
PWM Control 3A Step-Down Converter
GENERAL DESCRIPTION
AX3111 consists of step-down switching regulator with PWM control. These devise
include a reference voltage source, oscillation circuit, error amplifier, internal PMOS and
etc.
AX3111 provides low-ripple power, high efficiency, and excellent transient
characteristics. The PWM control circuit is able to the duty ratio linearly form 0 up to 100%.
This converter is build out soft start function that prevents overshoot and inrush current at
startup. An over current protect function and short circuit protect function are built inside,
and when OCP or SCP happens, the operation frequency will be reduced. The operating
frequency is decided by outside resistance. An external compensation is easily to system
stable; the low ESR output capacitor can be used.
With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode
connected externally, these ICs can function as step-down switching regulators. They serve
as ideal power supply units for portable devices when coupled with the SOP-8L packages,
providing such outstanding features as low current consumption. Since this converter can
accommodate an input voltage up to 40V, it is also suitable for the operation via an AC
adapter.
FEATURES
- Input voltage:8V to 40V
- Output voltage:3.3V to 38V
- Duty ratio:0% to 100% PWM control
- Oscillation frequency range is 50K~350KHz by outside resistance setting
- Enable with Soft-Start function
- Current Limit, Short Circuit Protect (SCP) and Thermal Shutdown protection
- Built-in internal SW P-channel MOS.
- SOP-8L-EP Pb-Free packages.
- RoHS and Halogen free compliance.


Similar Part No. - AX3111ESA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3111A AXELITE-AX3111A Datasheet
708Kb / 12P
PWM Control 2A Step Down Converter
Rev.1.9 Oct.09, 2019
AX3111AES AXELITE-AX3111AES Datasheet
708Kb / 12P
PWM Control 2A Step Down Converter
Rev.1.9 Oct.09, 2019
AX3111AESA AXELITE-AX3111AESA Datasheet
708Kb / 12P
PWM Control 2A Step Down Converter
Rev.1.9 Oct.09, 2019
More results

Similar Description - AX3111ESA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com