Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3111AESA Datasheet (PDF) - AXElite technology co. ltd

AX3111AESA Datasheet PDF - AXElite technology co. ltd
Part # AX3111AESA
Download  AX3111AESA Download
File Size   708.73 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Control 2A Step Down Converter

AX3111AESA Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3111AESA Datasheet PDF - AXElite technology co. ltd

Part # AX3111AESA
Download  AX3111AESA Click to download

File Size   708.73 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Control 2A Step Down Converter

AX3111AESA Datasheet (HTML) - AXElite technology co. ltd


AX3111AESA Product details

 GENERAL DESCRIPTION
AX3111A
consists of step down switching regulator with PW M control. These devise include a reference voltage source, oscillation circuit, error amplifier, internal PMOS and etc.
AX3111A provides low-ripple power, high efficiency, and excellent transient characteristics. The PWM control circuit is able to the duty ratio linearly form 0 up to 100%. This converter is build out soft start function that prevents overshoot and inrush current at startup. An ov er current protect function and short circuit protect function are built inside, and when OCP or SCP happens, the operation frequency will be reduced. The operating frequency is decided by outside resistance An external compensation is easily to system st able; the low ESR output capacitor can be used.
With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode connected externally, these ICs can function as step down switching regulators. They serve as ideal power supply units for portable devices when coupled with the SOP-8L packages, providing such outstanding features as low current consumption. Since this converter can accommodate an input voltage up to 40V, it is also suitable for the operation via an AC adapter.

 FEATURES
- Input voltage 8V to 40V
- Output voltage VFB to 38V
- Duty ratio 0% to 100% PWM control
- Oscillation frequency range is 50K 350KHz by outside resistance setting
- Enable with Soft Start function
- Current Limit Short Circuit Protect (SCP) and Thermal Shutdown protection
- Built-in internal SW P-channel MOS.
- SOP-8L-EP Pb-Free packages.
- RoHS and Halogen free compliance.




Similar Part No. - AX3111AESA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3111 AXELITE-AX3111 Datasheet
805Kb / 13P
PWM Control 3A Step Down Converter
Rev.2.3 Oct.09, 2019
AX3111ES AXELITE-AX3111ES Datasheet
805Kb / 13P
PWM Control 3A Step Down Converter
Rev.2.3 Oct.09, 2019
AX3111ESA AXELITE-AX3111ESA Datasheet
805Kb / 13P
PWM Control 3A Step Down Converter
Rev.2.3 Oct.09, 2019
More results


Similar Description - AX3111AESA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com