Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3111AESA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3111AESA
Description  PWM Control 2A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111AESA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3111AESA Datasheet HTML 1Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 2Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 3Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 4Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 5Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 6Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 7Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 8Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.09, 2019
AX3111A
BLOCK DIAGRAM
Oscillator
START - UP
+
Thermal
Shutdown
VSS
SW
FB
COMP.
VCC
Current
limit
+
_
AMP
COMP.
CURRENT
SOURCE
BIAS
1.23V
REFERENCE
2.5 V
REGULATOR
COMP
0.815 V
EN / SS
-
PWM
Switched
Control Circuit
VGATE
OSC
5uA
PIN ASSIGNMENT
The packages of AX3111A is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
FB
VGATE
SOP-8L-EP
VCC
EN/SS
OSC
VSS
SW
COMP
SW
Name
Description
EN/SS ON/OFF Shutdown and Soft-start
pin
VSS
GND pin
VGATE
Driver GATE clamping pin. The
pin must connect a 1uF capacitor
to VCC
VCC
IC power supply pin
SW
Switch pin. Connect external
inductor & diode here.
FB
Feedback pin
COMP Compensation pin
OSC
Frequency Set Pin. The pin
connect a resistance to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com