Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3111AESA Datasheet(PDF) 10 Page - AXElite technology co. ltd

Part # AX3111AESA
Description  PWM Control 2A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111AESA Datasheet(HTML) 10 Page - AXElite technology co. ltd

Back Button AX3111AESA Datasheet HTML 4Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 5Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 6Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 7Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 8Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 9Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 10Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 11Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 12Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.09, 2019
AX3111A
TYPICAL CHARACTERISTICS (CONTINUOUS)
Power-ON Wave (F=60KHz)
(VIN=12V, VOUT=5V, Load=2A, CEN/SS=0.1uF)
Power-ON Wave (F=60KHz)
(VIN=24V, VOUT=5V, Load=2A, CEN/SS=0.1uF)
Enable-ON Wave (60KHz)
(VIN=12V, VOUT=5V, Load=2A, CEN/SS=0.1uF)
Enable-ON Wave (60KHz)
(VIN=24V, VOUT=5V, Load=2A, CEN/SS=0.1uF)
Load Transient (F=60KHz)
(VIN=12V, VOUT=5V, Load=0.2~1.8A)
Load Transient (F=60KHz)
(VIN=24V, VOUT=5V, Load=0.2~1.8A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com