Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3112ES Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3112ES
Description  PWM Control 3A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3112ES Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3112ES Datasheet HTML 1Page - AXElite technology co. ltd AX3112ES Datasheet HTML 2Page - AXElite technology co. ltd AX3112ES Datasheet HTML 3Page - AXElite technology co. ltd AX3112ES Datasheet HTML 4Page - AXElite technology co. ltd AX3112ES Datasheet HTML 5Page - AXElite technology co. ltd AX3112ES Datasheet HTML 6Page - AXElite technology co. ltd AX3112ES Datasheet HTML 7Page - AXElite technology co. ltd AX3112ES Datasheet HTML 8Page - AXElite technology co. ltd AX3112ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Mar. 06, 2015
AX3112/A
APPLICATION CIRCUIT
(1) AL CAPACITOR
VCC=10~36V
VOUT=5.0V/2.05A
C4
0.1u
R-sense 50mR
U1
AX3112 / A
1
2
3
4
5
6
7
8
EN/CT
VSS
VGATE
VCC
SW
SENSE1
SENSE2
FB
C1
10N
C9
0.1u
L1
C8
0.1u
R3
39K
C5
0.1u
C2
Option
R4
11K
D1
B340A
C3
470u
C7
470u
R6
Option
C12
Option
)
R4
R3
+
(1
×
1.1V
=
V
OUT
L1 recommend value (VIN=10~36V ,VOUT=5V)
Version
AX3112
AX3112A
L1 Value (H)
66u
22u
(2) MLCC
VOUT=5.0V/2.05A
VCC=10~36V
C6
22u
C7
22u
C3
22u
C2
Option
U1
AX3112A
1
2
3
4
5
6
7
8
EN/CT
VSS
VGATE
VCC
SW
SENSE1
SENSE2
FB
C1
10N
C5
0.1u
C4
0.1u
C9
0.1u
L1
22uH
D1
B340A
R-sense 50mR
C8
0.1u
R4
11K
R3
39K
R1
470R/Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com