Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3112ES Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3112ES
Description  PWM Control 3A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3112ES Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3112ES Datasheet HTML 1Page - AXElite technology co. ltd AX3112ES Datasheet HTML 2Page - AXElite technology co. ltd AX3112ES Datasheet HTML 3Page - AXElite technology co. ltd AX3112ES Datasheet HTML 4Page - AXElite technology co. ltd AX3112ES Datasheet HTML 5Page - AXElite technology co. ltd AX3112ES Datasheet HTML 6Page - AXElite technology co. ltd AX3112ES Datasheet HTML 7Page - AXElite technology co. ltd AX3112ES Datasheet HTML 8Page - AXElite technology co. ltd AX3112ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Mar. 06, 2015
AX3112/A
BLOCK DIAGRAM
OSC.
START-UP and
Auto restart control
+
+
Thermal
Shutdown
CONTROL
+
DRIVER
COMP.
SW
COMP.
Current
limit
+
_
AMP
CURRENT
SOURCE
BIAS
1.23V
REFERENCE
2.5V
REGULATOR
SENSE1
1.25V
EN/CT
SENSE2
125mV
+
_
AMP
+
_
AMP
0.35V
SCP
OVP
Line
Compensation
VGATE
VCC
VSS
SENSE2
FB
1.1V
PIN ASSIGNMENT
The package of AX3112/A is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
EN/CT
VGATE
SOP-8L-EP
VCC
VSS
FB
SENSE2
SW
SENSE1
SW
Name
Description
EN/CT ON/OFF and auto restart control
VSS
GND pin
VGATE
Driver gate clamping pin. The pin
must connect a 0.1uF capacitor to
VCC
VCC Operating voltage input
SW
Switch pin. Connect external inductor
and diode here
SENSE1 Current sense input1
SENSE2 Current sense input2
FB
Feedback pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com