Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5201ES Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX5201ES
Description  Step-up PWM DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5201ES Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX5201ES Datasheet HTML 1Page - AXElite technology co. ltd AX5201ES Datasheet HTML 2Page - AXElite technology co. ltd AX5201ES Datasheet HTML 3Page - AXElite technology co. ltd AX5201ES Datasheet HTML 4Page - AXElite technology co. ltd AX5201ES Datasheet HTML 5Page - AXElite technology co. ltd AX5201ES Datasheet HTML 6Page - AXElite technology co. ltd AX5201ES Datasheet HTML 7Page - AXElite technology co. ltd AX5201ES Datasheet HTML 8Page - AXElite technology co. ltd AX5201ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5201
PIN ASSIGNMET
The package of AX5201 is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
SS
FB
SOP-8L-EP
EN
VCC
SGND
PGND
SW
SW
Exposed
pad
(EP is connect to SW)
Name
Description
SGND Signal Ground pin.
PGND Power Ground pin
EN
Power-off pin
H:normal operation(Step-up)
L:Step-up operation stopped
VCC
IC power supply pin
FB
Feedback pin
SW
Switch pin. Connect external
inductor & diode here.
SS
Soft-Start Pin.
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
ES: SOP-8L-EP
Packing
Blank : Tube
A : Taping
XX X
AX5201
Logo
Y
AX 5
Part number
ID code:internal
WW: 01~52
2 0 1
Y WW X
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
GND - 0.3 to GND + 22
V
Feedback Pin Voltage
VFB
GND - 0.3 to 6
V
ON/OFF Pin Voltage
VEN
GND - 0.3 to VCC
V
Switch Pin Voltage
VSW
GND - 0.3 to 34
V
SS Pin Voltage
VSS
GND - 0.3 to 6
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TST
-40 to +150
°C
Operating Junction Temperature
TOPJ
-20 to +125
°C
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
40
°C/W
Note : θJA is measured with the PCB copper area (connect to exposed pad) of approximately 1 in2(Multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com