Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5201ES Datasheet (PDF) - AXElite technology co. ltd

AX5201ES Datasheet PDF - AXElite technology co. ltd
Part # AX5201ES
Download  AX5201ES Download
File Size   596.89 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description Step-up PWM DC/DC Converter

AX5201ES Datasheet (PDF)

Go To PDF Page Download Datasheet
AX5201ES Datasheet PDF - AXElite technology co. ltd

Part # AX5201ES
Download  AX5201ES Click to download

File Size   596.89 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description Step-up PWM DC/DC Converter

AX5201ES Datasheet (HTML) - AXElite technology co. ltd


AX5201ES Product details

 GENERAL DESCRIPTION
The AX5201 is high efficient step-up DC/DC converter. Large output current is possible having a built in internal N channel MOSFET, and using an external coil and diode.
The AX5201 can be operated at switching frequencies of 500 kHz allowing for easy filtering and low noise, the size of the external components can be reduced.
Output voltage is programmable with 1.0V of standard voltage supply internal, and using externally connected components, output voltage (FB) can be set up at will. The soft-start time can be programmed by outside capacitor; the function prevents overshoot at startup. Build inside Current limit, Thermal Shutdown and enable functions.

 FEATURES
- Input voltage:3V to 20V
- Output voltage:3.3V to 32V
- Duty ratio:0% to 85% PWM control
- Oscillation frequency:500KHz.
- Enable and Thermal Shutdown function.
- Internal Current limit.
- Built-in N-channel MOSFET
- SOP-8L with Exposed pad Pb-Free package.
- RoHS and Halogen free compliance.




Similar Part No. - AX5201ES

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX5203 AXELITE-AX5203 Datasheet
532Kb / 9P
Step-up PWM DC/DC Converter
Rev.1.4 Nov.06, 2019
AX5203ES AXELITE-AX5203ES Datasheet
532Kb / 9P
Step-up PWM DC/DC Converter
Rev.1.4 Nov.06, 2019
AX5203ESA AXELITE-AX5203ESA Datasheet
532Kb / 9P
Step-up PWM DC/DC Converter
Rev.1.4 Nov.06, 2019
AX5204 AXELITE-AX5204 Datasheet
673Kb / 11P
Step-up PWM DC/DC Converter
Rev.1.6 Nov.06, 2019
AX5204ES AXELITE-AX5204ES Datasheet
673Kb / 11P
Step-up PWM DC/DC Converter
Rev.1.6 Nov.06, 2019
More results


Similar Description - AX5201ES

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
PWM STEP-UP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
STEP-UP PWM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
CMOS PWM step-up DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
PWM Step-Up DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com