Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5203ESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX5203ESA
Description  Step-up PWM DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5203ESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX5203ESA Datasheet HTML 1Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 2Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 3Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 4Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 5Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 6Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 7Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 8Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Nov.06, 2019
AX5203
ELECTRICAL CHARACTERISTICS
(VCC = 12V, VOUT=24V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Operating Supply Voltage
VCC
4.5
-
23
V
Output Voltage Range
VOUT
5
-
68
V
Feedback Voltage
VFB
IOUT=0.1A
0.98 1.00 1.02
V
Feedback Bias Current
IFB
IOUT=0.1A
-
0.1 0.5
uA
Quiescent Current
ICCQ VFB=1.5V force driver off
-
4
6
mA
Shutdown Supply Current
ISD
VEN =0V
-
1
10
uA
Oscillation Frequency
FOSC SW pin
400 500 600 KHz
Line Regulation
VCC =4.5~0.8*VOUT
-
1
-
%
Load Regulation
IOUT=50m~0.6A
-
0.5
-
%
EN Pin Logic input threshold
voltage
VSH
High (regulator ON)
2.0
-
-
V
VSL
Low (regulator OFF)
-
-
0.8
EN Pin Input Current
ISH
VEN=2.5V (ON)
-
20
-
uA
ISL
VEN=0.3V (OFF)
-
-1
-
uA
SS pin Current
ISS
-
8
-
uA
Switching Current Limit
ILIM-SW
1.8 2.0
-
A
Internal MOSFET RDSON
RDSON
VCC=5V
- 140 160
mΩ
VCC=12V
- 100 120
Efficiency
EFFI
VCC=12V
VOUT=24V
IOUT = 0.5A
-
92
-
%
Maximum Duty Cycle
DCMAX VFB=0V
-
85
-
%
Minimum Duty Cycle
DCMIN VFB=1.5V
-
0
-
Thermal shutdown Temp
TSD
- 145 -
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com