Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5203ESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX5203ESA
Description  Step-up PWM DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5203ESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX5203ESA Datasheet HTML 1Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 2Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 3Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 4Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 5Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 6Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 7Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 8Page - AXElite technology co. ltd AX5203ESA Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Nov.06, 2019
AX5203
 
3
4
1
1.0
R
R
V
V
OUT
Table 1 Resistor select for output voltage setting
VOUT
R3
R4
12V
1K
11K
18V
1K
17K
24V
1.3K
30K
40V
1K
39K
65V
1K
64K
Inductor Selection
For most designs, Low inductance values are physically smaller but require faster
switching, which results in some efficiency loss. The inductor value can be derived from the
following equation:
f
I
V
V
V
V
L
LX
L
OUT
IN
OUT
IN
Where is inductor Ripple Current. Large value inductors lower ripple current and small
value inductors result in high ripple currents. Choose inductor ripple current approximately
15% of the maximum input current 1.6A, ΔIL=0.24A.
Table 2 Inductor select for output voltage setting (VCC=12V)
VOUT
18V
24V
40V
65V
L1 Value
33uH
47uH
68uH
82uH
The DC current rating of the inductor should be at least equal to the maximum load
current plus half the ripple current to prevent core saturation (1.6A+0.12A).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com