Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5510ESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX5510ESA
Description  680K/1.2MHz, High Voltage, Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5510ESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX5510ESA Datasheet HTML 1Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 2Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 3Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 4Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 5Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 6Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 7Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 8Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5510
ORDER/MARKING INFORMATION
Order Information
AX5510 XXX X
Package Type
Packing
Blank : Tube
A: Taping
EU: MSOP-10L-EP
J10: TDFN-10L (3*3)
ES: SOP-8L-EP
EU8: MSOP-8L-EP
Top Marking (MSOP/SOP)
Top Marking (TDFN)
Logo
Y
AX 5
Part number
ID code:internal
WW:01~52
5 1 0
Y WW X
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
5
Part number
ID code: internal
WW: 01~52
Y Y W W X
5 1 0
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
GND - 0.3 to GND + 6
V
EN, FREQ,COMP,FB,SS, Pin Voltage
GND - 0.3 to VCC + 0.3
V
LX Pin Voltage
VLX
30
V
Power Dissipation
PD
( TJ-TA ) / θJA
mW
Storage Temperature Range
TST
-65 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Thermal Resistance from
Junction to case
MSOP-8/10L-EP
θJC
55
°C/W
TDFN-10L
8
SOP-8L-EP
55
Thermal Resistance from
Junction to ambient
MSOP-8/10L-EP
θJA
160
°C/W
TDFN-10L
105
SOP-8L-EP
75
Note: θJA is measured with the PCB copper area of approximately 1.5 in2(Multi-layer). That copper area needs
connect to exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com