Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5510ESA Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX5510ESA
Description  680K/1.2MHz, High Voltage, Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5510ESA Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX5510ESA Datasheet HTML 3Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 4Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 5Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 6Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 7Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 8Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 9Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 10Page - AXElite technology co. ltd AX5510ESA Datasheet HTML 11Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5510
COMPENSATION TABLE
Frequency(Hz)
L1 (H)
VIN (V)
VOUT (V)
R6 (Ω)
C7 (F)
680K
(FREQ=Low)
6.8u
2.5~4.4
5
10K
1.2n
2.5~5.5
7
15K
470p
2.5~5.5
9
27K
270p
2.5~5.5
12
56K
150p
2.5~5.5
15
150K
120p
2.5~5.5
18
110K
100p
2.5~5.5
21
150K
82p
2.5~5.5
24
100K
47p
1.2M
(FREQ=High)
4.7u
2.5~4.0
5
33K
1n
2.5~5.5
7
39K
390p
2.5~5.5
9
39K
220p
2.5~5.5
12
100K
100p
2.5~5.5
15
130K
68p
2.5~5.5
18
150K
56p
2.5~5.5
21
220K
47p
2.5~5.5
24
390K
39p
APPLICATION INFORMATION
Setting the Output Voltage
Application circuit item shows the basic application circuit with AX5510 adjustable
output version. The external resistor sets the output voltage according to the following
equation:
 
8
1
238
1
R
R
V
V
OUT
2
.
For most applications, R8 is a suggested a value by 10~30KΩ. Place the
resistor-divider as close to the IC as possible to reduce the noise sensitivity.
Soft Start Capacitor
The soft-start function begins from SS pin Voltage=0V to VCC with a 7uA (typ.) constant
current charging to the soft-start capacitor, so the capacitor should be large enough to let the
output voltage reach regulation inside the soft-start cycle. Typical value of soft-start
capacitor range is from 4.7nF to 100nF. After the cycle finished, the load can start to draw
maximum current as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com