Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601CDMR Datasheet(PDF) 23 Page - STMicroelectronics

Part # DCP3601CDMR
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601CDMR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button DCP3601CDMR Datasheet HTML 18Page - STMicroelectronics DCP3601CDMR Datasheet HTML 19Page - STMicroelectronics DCP3601CDMR Datasheet HTML 20Page - STMicroelectronics DCP3601CDMR Datasheet HTML 21Page - STMicroelectronics DCP3601CDMR Datasheet HTML 22Page - STMicroelectronics DCP3601CDMR Datasheet HTML 23Page - STMicroelectronics DCP3601CDMR Datasheet HTML 24Page - STMicroelectronics DCP3601CDMR Datasheet HTML 25Page - STMicroelectronics DCP3601CDMR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Contents
1
Application schematic .............................................................2
2
Pin connections ...................................................................3
3
Maximum ratings ..................................................................4
4
Electrical characteristics...........................................................5
5
Block diagram .....................................................................6
6
Functional description .............................................................7
6.1
EN ........................................................................... 7
6.2
Soft-start...................................................................... 7
6.3
Light-load operation ............................................................ 7
6.3.1
Low consumption mode (LCM) .............................................. 7
6.3.2
Low noise mode (LNM) .................................................... 8
6.4
Dithering ...................................................................... 8
6.5
Duty cycle range ............................................................... 9
6.6
Overcurrent protection .......................................................... 9
6.7
Overvoltage protection ......................................................... 10
6.8
Thermal shutdown............................................................. 10
7
Application information ...........................................................11
7.1
Typical application............................................................. 11
7.2
Output voltage setting.......................................................... 11
7.3
Input capacitor selection........................................................ 11
7.4
Inductor selection ............................................................. 12
7.5
Output capacitor selection ...................................................... 13
7.6
Board layout guidelines ........................................................ 13
8
Typical performance characteristics ..............................................15
9
Package information..............................................................16
9.1
SOT23-6L package information.................................................. 17
9.2
SOT23-6L package information.................................................. 20
10
Ordering information .............................................................21
Revision history .......................................................................22
DCP3601
Contents
DS14782 - Rev 1
page 23/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com