Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601CDMR Datasheet(PDF) 25 Page - STMicroelectronics

Part # DCP3601CDMR
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601CDMR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button DCP3601CDMR Datasheet HTML 18Page - STMicroelectronics DCP3601CDMR Datasheet HTML 19Page - STMicroelectronics DCP3601CDMR Datasheet HTML 20Page - STMicroelectronics DCP3601CDMR Datasheet HTML 21Page - STMicroelectronics DCP3601CDMR Datasheet HTML 22Page - STMicroelectronics DCP3601CDMR Datasheet HTML 23Page - STMicroelectronics DCP3601CDMR Datasheet HTML 24Page - STMicroelectronics DCP3601CDMR Datasheet HTML 25Page - STMicroelectronics DCP3601CDMR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
List of figures
Figure 1.
DCP3601 typical application schematic ................................................... 2
Figure 2.
Pin configuration (top view) ........................................................... 3
Figure 3.
Block diagram .................................................................... 6
Figure 4.
DCP3601 application schematic ....................................................... 11
Figure 5.
DCP3601 - Efficiency (VIN = 24 V)...................................................... 15
Figure 6.
DCP3601 - Efficiency (VIN = 12 V)...................................................... 15
Figure 7.
DCP3601C - LCM operation at no load VIN = 24 V, VOUT = 5 V, NO LOAD .......................... 15
Figure 8.
DCP3601C - LCM operation at medium load VIN = 24 V, VOUT = 5 V, IOUT = 500 mA................... 15
Figure 9.
DCP3601C - SOFT-START phase VIN = 24 V, VOUT = 5 V, R_LOAD = 5 Ω.......................... 15
Figure 10.
DCP3601C - Supply current vs. VIN - No load .............................................. 15
Figure 11.
SOT23-6L package outline........................................................... 17
Figure 12.
SOT23-6L recommended footprint ..................................................... 19
Figure 13.
SOT23-6L carrier tape outline......................................................... 20
Figure 14.
SOT23-6L reel outline .............................................................. 20
DCP3601
List of figures
DS14782 - Rev 1
page 25/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com