Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136815 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1136815
Description  QUINT-HP-UPS/230AC/2.5KVA/PT - Uninterruptible power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136815 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1136815 Datasheet HTML 1Page - PHOENIX CONTACT 1136815 Datasheet HTML 2Page - PHOENIX CONTACT 1136815 Datasheet HTML 3Page - PHOENIX CONTACT 1136815 Datasheet HTML 4Page - PHOENIX CONTACT 1136815 Datasheet HTML 5Page - PHOENIX CONTACT 1136815 Datasheet HTML 6Page - PHOENIX CONTACT 1136815 Datasheet HTML 7Page - PHOENIX CONTACT 1136815 Datasheet HTML 8Page - PHOENIX CONTACT 1136815 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
yes
Connection in parallel
max. 3
Connection in series
no
Overload capability Mains operation
120 % ... 150 % (20 s / 5 s, then switch to bypass operation)
Overload capability Battery operation
120 % ... 150 % (20 s / 5 s, then shutdown)
Overload capability Bypass mode
120 % ... 150 % (for a sustained period / 20 s, then shutdown)
Rated short-time current carrying capacity Icw
6 kA
Mains operation
200 V AC ±2 %
210 V AC ±2 %
220 V AC ±2 %
230 V AC ±2 %
Output voltage
240 V AC ±2 %
Form of output voltage
Pure sine
nom. 12.5 A (200 V AC)
nom. 11.9 A (210 V AC)
nom. 11.4 A (220 V AC)
Output current
nom. 10.9 A (230 V AC)
Static Boost (IStat.Boost)
nom. 10.4 A (240 V AC)
Maximum no-load power dissipation
10 W
Power loss nominal load max.
< 100 W (100% load, battery charged)
50 Hz
60 Hz
Nominal output frequency
±0.5 % (Output frequency tolerance)
Electronic current limitation
> 2,5 x Output: Current nom. (> 200 ms)
Battery operation
Maximum no-load power dissipation
10 W
Power loss nominal load max.
275 W (100% load, battery charged)
50 Hz
60 Hz
Nominal output frequency
±0.5 % (Output frequency tolerance)
< 3 % (linear load)
Total harmonic distortion factor (THD)
< 8 % (non-linear load)
Electronic current limitation
> 2,5 x Output: Current nom. (> 200 ms)
Energy storage
Input
48 V DC
Input voltage
max. 60 V DC
Input current
max. 40 A
Nominal capacity range
7 Ah ... 200 Ah
QUINT-HP-UPS/230AC/2.5KVA/PT - Uninterruptible
power supply
1136815
https://www.phoenixcontact.com/us/products/1136815
Mar 24, 2025, 8:06 AM
Page 3 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com