Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136815 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1136815
Description  QUINT-HP-UPS/230AC/2.5KVA/PT - Uninterruptible power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136815 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 1136815 Datasheet HTML 4Page - PHOENIX CONTACT 1136815 Datasheet HTML 5Page - PHOENIX CONTACT 1136815 Datasheet HTML 6Page - PHOENIX CONTACT 1136815 Datasheet HTML 7Page - PHOENIX CONTACT 1136815 Datasheet HTML 8Page - PHOENIX CONTACT 1136815 Datasheet HTML 9Page - PHOENIX CONTACT 1136815 Datasheet HTML 10Page - PHOENIX CONTACT 1136815 Datasheet HTML 11Page - PHOENIX CONTACT 1136815 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Dimensions
Item dimensions
Width
188 mm
Height
240 mm
Depth
143 mm
Drill hole
Diameter
5.5 mm
Installation dimensions
Installation distance right/left
0 mm / 0 mm
Installation distance top/bottom
50 mm / 50 mm
Mounting
Mounting type
Panel mounting
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-25 °C ... 60 °C (> 50 °C: 2,5 % / K)
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Maximum altitude
≤ 4000 m (> 1000 m: 3 % / 1000 m)
Max. permissible relative humidity (operation)
≤ 95 %
Shock
30g in each direction, according to IEC 60068-2-27
Vibration (operation)
5 Hz ... 100 Hz, 0.7g (EN 60068-2-6)
Standards and regulations
Uninterruptible power supply systems
Standard designation
Uninterruptible power supply systems
EN 62040-1
Standards/specifications
EN 62040-2
EMC data
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Low Voltage Directive
Conformance with Low Voltage Directive 2014/35/EC
Interference emission
Noise emission
Noise immunity
Immunity
Electrostatic discharge
Standards/regulations
EN 61000-4-2
Electrostatic discharge
Contact discharge
± 6 kV
QUINT-HP-UPS/230AC/2.5KVA/PT - Uninterruptible
power supply
1136815
https://www.phoenixcontact.com/us/products/1136815
Mar 24, 2025, 8:06 AM
Page 8 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com