Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422 Datasheet(PDF) 56 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 52Page - STMicroelectronics UPSD3422 Datasheet HTML 53Page - STMicroelectronics UPSD3422 Datasheet HTML 54Page - STMicroelectronics UPSD3422 Datasheet HTML 55Page - STMicroelectronics UPSD3422 Datasheet HTML 56Page - STMicroelectronics UPSD3422 Datasheet HTML 57Page - STMicroelectronics UPSD3422 Datasheet HTML 58Page - STMicroelectronics UPSD3422 Datasheet HTML 59Page - STMicroelectronics UPSD3422 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 293 page
background image
Interrupt system
uPSD34xx
56/293
13.1.8
PCA interrupt
The PCA has eight interrupt sources, which are logically ORed together when interrupting
the MCU.The ISR must read the flag bits to determine the cause of the interrupt.
●
Each of the six TCMs can generate a "match or capture" interrupt on flag bits OFV5..0
respectively.
●
Each of the two 16-bit counters can generate an overflow interrupt on flag bits INTF1
and INTF0 respectively.
Tables 17 through Table 20 on page 58 have detailed bit definitions of the interrupt system
SFRs.
13.1.9
USB Interrupt
The USB interrupt has multiple sources. The ISR must read the USB Interrupt Flag
Registers (UIF0-3) to determine the source of the interrupt.
The USB interrupt can be activated by any of the following four group of interrupt sources:
●
Global: the interrupt flag is set when any of the following events occurs: USB Reset,
USB Suspend, USB Resume, and End of Packet;
●
In FIFO: the interrupt flag is set when any of the End Point In FIFO becomes empty;
●
Out FIFO: the interrupt flag is set when any of the End Point Out FIFO becomes full;
and
●
In FIFO NAK: the interrupt flag is set when any of the End Point In FIFO is not ready for
an IN (in-bound) packet.
Table 17.
IE: interrupt enable register (SFR A8h, reset value 00h)
Note:
1
1 = Enable Interrupt, 0 = Disable Interrupt
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EA
–
ET2
ES0
ET1
EX1
ET0
EX0
Bit
Symbol
R/W
Function
7EA
R,W
Global disable bit. 0 = All interrupts are disabled. 1 = Each
interrupt source can be individually enabled or disabled by
setting or clearing its enable bit.
6–
R,W
Do not modify this bit. It is used by the JTAG debugger for
instruction tracing. Always read the bit and write back the
same bit value when writing this SFR.
5(1)
ET2
R,W
Enable Timer 2 Interrupt
4(1)
ES0
R,W
Enable UART0 Interrupt
3(1)
ET1
R,W
Enable Timer 1 Interrupt
2(1)
EX1
R,W
Enable External Interrupt INT1
1(1)
ET0
R,W
Enable Timer 0 Interrupt
0(1)
EX0
R,W
Enable External Interrupt INT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com