Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422 Datasheet(PDF) 69 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 65Page - STMicroelectronics UPSD3422 Datasheet HTML 66Page - STMicroelectronics UPSD3422 Datasheet HTML 67Page - STMicroelectronics UPSD3422 Datasheet HTML 68Page - STMicroelectronics UPSD3422 Datasheet HTML 69Page - STMicroelectronics UPSD3422 Datasheet HTML 70Page - STMicroelectronics UPSD3422 Datasheet HTML 71Page - STMicroelectronics UPSD3422 Datasheet HTML 72Page - STMicroelectronics UPSD3422 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 293 page
background image
uPSD34xx
I/O ports of mcu module
69/293
17
I/O ports of mcu module
The MCU Module has three 8-bit I/O ports: Port 1, Port 3, and Port 4. The PSD Module has
four other I/O ports: Port A, B, C, and D. This section describes only the I/O ports on the
MCU Module.
I/O ports will function as bi-directional General Purpose I/O (GPIO), but the port pins can
have alternate functions assigned at run-time by writing to specific SFRs. The default
operating mode (during and after reset) for all three ports is GPIO input mode. Port pins that
have no external connection will not float because each pin has an internal weak pull-up
(~150K ohms) to VCC.
I/O ports 3 and 4 are 5V tolerant, meaning they can be driven/pulled externally up to 5.5V
without damage. The pins on Port 4 have a higher current capability than the pins on Ports 1
and 3.
Three additional MCU ports (only on 80-pin uPSD34xx devices) are dedicated to bring out
the 8032 MCU address, data, and control signals to external pins. One port, named
MCUAD[7:0], has eight multiplexed address/data bidirectional signals. The third port has
MCU bus control outputs: read, write, program fetch, and address latch. These ports are
typically used to connect external parallel peripherals and memory devices, but they may
NOT be used as GPIO. Notice that the eight upper address signals do not come out to pins
on the port. If high-order address signals are required on external pins (MCU addresses
A[15:8]), then these address signals can be brought out as needed to PLD output pins or to
the Address Out mode pins on PSD Module ports. See PSD Module section,
“Section 28.5.39: Latched address output mode on page 232 for details.
Figure 16 on page 71 represents the flexibility of pin function routing controlled by the SFRs.
Each of the 24 pins on three ports, P1, P3, and P4, may be individually routed on a pin-by-
pin basis to a desired function.
17.1
MCU port operating modes
MCU port pins can operate as GPIO or as alternate functions (see Figure 17 on page 71
through Figure 19 on page 72).
Depending on the selected pin function, a particular pin operating mode will automatically
be used:
●
GPIO - Quasi-bidirectional mode
●
UART0, UART1 - Quasi-bidirectional mode
●
SPI - Quasi-bidirectional mode
●
I2C - Open drain mode
●
ADC - Analog input mode
●
PCA output - Push-Pull mode
●
PCA input - Input only (Quasi-bidirectional)
●
Timer 0,1,2 - Input only (Quasi-bidirectional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com