Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB809 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB809
Description  Microprocessor Reset circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB809 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB809 Datasheet HTML 1Page - Kingbor Technology Co KB809 Datasheet HTML 2Page - Kingbor Technology Co KB809 Datasheet HTML 3Page - Kingbor Technology Co KB809 Datasheet HTML 4Page - Kingbor Technology Co KB809 Datasheet HTML 5Page - Kingbor Technology Co KB809 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
March 2007
Pin Number
Pin Name
Pin Function
1
GND
Ground return for all IC functions.
2
/RESET
Digital Output. Active-low. Asserted whenever V
CC falls below the threshold
voltage. It will remain asserted for no less than 180ms and be de-asserted
after V
CC returns above the threshold.
3
VCC
Analog Input. Power supply input to the IC.
1
GND
/RESET
VCC
3
2
KB809
3-Lead SOT23
KB809
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
Pin Configuration
Pin Description



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com