Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB809 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB809
Description  Microprocessor Reset circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB809 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB809 Datasheet HTML 1Page - Kingbor Technology Co KB809 Datasheet HTML 2Page - Kingbor Technology Co KB809 Datasheet HTML 3Page - Kingbor Technology Co KB809 Datasheet HTML 4Page - Kingbor Technology Co KB809 Datasheet HTML 5Page - Kingbor Technology Co KB809 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
March 2007
3
(Note 1)
Terminal Voltage (V
CC) ................................. –0.3V to 10V
Lead Temperature (soldering, 10 sec.) ..................... 300
°C
Storage Temperature (T
S) ......................... –65°C to 150°C
Rate of Rise (V
CC) ................................................. 100V/µs
ESD Rating, Note 3
(Note 2)
Ambient Temperature (T
A) ......................... –40°C to +85°C
Power Dissipation (T
A = +70°C) .............................. 320mW
T
A = 25°C; VCC = 3.3V for KB809 unless otherwise noted. Values in bold are for –40 °C to +85 °C; unless otherwise noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Operating Voltage Range
T
A = 0°C to 70°C
0.95
8
V
T
A = –40°C to 85°C
0.95
8
V
I
CC
Supply Current
V
CC = 3.3V
1
3
µA
V
TH
Reset Voltage Threshold
S Voltage Options (KB809-293)
2.85
2.93
3.00
V
V
HYST
Typical hysteresis
5mV
T
RST
Reset Timeout Period
180
ms
T
PROP
Propogation delay
/RESET < V
OL, 100mV Overdrive
9.3
µs
V
OH
/RESET Output Voltage High
I
SOURCE = 500µA
0.8·V
CC
V
V
OL
/RESET Output Voltage Low
V
CC = VTH min., ISINK = 1.2mA
0.3
V
V
CC > 1.4V, ISINK = 50µA, TA = 0°C to +70°C
0.3
V
V
CC > 1.6V, ISINK = 50µA, TA = –40° to +85°C
0.3
V
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
VCC
VTH
RESET
TRST
TRST
VTH
Reset Timing Diagram
KB809
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
300
140
Absolute Maximum Ratings
Operating Ratings
Electrical Characteristics
Timing Diagrams
Reset Voltage Threshold
S Voltage Options (KB809-263)
2.55
2.63
2.70
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com