Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPRPS40 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # CPRPS40
Description  Liquid Level Pump Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CPRPS40 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  CPRPS40 Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
190
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
Liquid Level Pump Controller
OPERATIONS
The ATC Diversified LPC Series is a conductive liquid level controller
that uses two probes to sense tank level. There are two modes of
operation that are user selectable.
Drain (Pump Down): The output relay will pick-up and the LED will
turn on when the liquid level reaches the high level probe. When the
liquid level falls below the low level probe the relay will drop-out and
the LED will turn off.
Fill (Pump UP): The output relay will pick-up and the LED will turn
on when the liquid level falls below the low level probe. When the
liquid level reaches the high level probe the relay will drop-out and
the LED will turn off.
3.05”
SENSITIVITY
DRAIN
RELAY
STATUS
FILL
0
1
3
4 5 6
7
8
9
10
2
.375”
5
4
3
2
1
8
7
6
PROBE
COMMON
LOW
LEVEL
PROBE
HIGH
LEVEL
PROBE
INPUT
VOLTAGE
L
N
3.05”
SENSITIVITY
DRAIN
RELAY
STATUS
FILL
0
1
3
4 5 6
7
8
9
10
2
.375”
5
4
3
2
1
8
7
6
PROBE
COMMON
LOW
LEVEL
PROBE
HIGH
LEVEL
PROBE
INPUT
VOLTAGE
L
N
DIMENSIONS
WIRING
SPECIFICATIONS
SUPPLY
24V AC, 120V AC, 240V AC (+10/-20%)
VOLTAGE
See ordering information below
SUPPLY
Pulsed 5V DC, at terminals
VOLTAGE
SENSITIVITY
Adjustable: 1K ±500 Ω at low end
100K Ω ±25% at high end
UNIT
Drain or Fill (User Selectable)
OPERATION
OUTPUT RATING One SPDT, 5 Amps Resistive @ 240V AC
ISOLATION
1,500 volts
POWER
24 V Model 6VA, 120 V Model 6VA,
CONSUMPTION
240 V Model 8VA
TEMPERATURES Operate: -20°C to +60°C
Storage: -40°C to +80°C
TERMINATIONS 8-PIN OCTAL HEADER
LED INDICATORS Red LED illuminates when relay is active
ENCLOSURE
Style "A" 8 Pin Plug-In
AGENCY
cULus E55826
APPROVALS
ACCESSORY:
CPR Series Conductive Probes
Stainless Steel Tip, PVC Cable, Corrosion Res.
LPC
XXX
AAA
SUPPLY VOLTAGE
24 Volts AC
24
120 Volts AC
120
240 Volts AC
240
MODEL NUMBER
E55826
SEE TABLE
“C”
SEE
TABLE
3.5
.875
“A”
SEE TABLE
“B”
ORDERING INFORMATION
CPR
P
S
XX
SERIES
SHIELD MATERIAL "A"
P - PVC (66°C)
PROBE TIP MATERIAL"B"
S - 316 STAINLESS STEEL
LENGTH OF WIRE "C"
10 - 10 FEET 20 - 20 FEET
30 - 30 FEET 40 - 40 FEET
## - LENGTH IN FEET


Similar Part No. - CPRPS40

ManufacturerPart #DatasheetDescription
logo
Raspberry Pi Holdings P...
CPRP010-B RASPBERRY-PI-CPRP010-B Datasheet
720Kb / 2P
Official Raspberry Pi HDMI Cable
CPRP010-W RASPBERRY-PI-CPRP010-W Datasheet
720Kb / 2P
Official Raspberry Pi HDMI Cable
CPRP020-B RASPBERRY-PI-CPRP020-B Datasheet
720Kb / 2P
Official Raspberry Pi HDMI Cable
CPRP020-W RASPBERRY-PI-CPRP020-W Datasheet
720Kb / 2P
Official Raspberry Pi HDMI Cable
logo
Clarke International
CPRP560 CLARKE-CPRP560 Datasheet
3Mb / 16P
560W PUDDLE RESIDUE PUMP
GC08/ 22
More results

Similar Description - CPRPS40

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
Liquid Level Switches
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
LIQUID LEVEL SENSOR
NNR110A ETC2-NNR110A Datasheet
916Kb / 4P
LIQUID LEVEL CONTROL PUMP UP OR DOWN SWITCH SELECTABLE
logo
Coto Technology
LSH COTO-LSH Datasheet
131Kb / 2P
Liquid Level Sensor
logo
SparkFun Electronics
ROB-10455 SPARKFUN-ROB-10455 Datasheet
179Kb / 2P
Liquid Pump - 350GPH (12v)
9??8??7
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
PC-XXX-LLC-CZ LITTELFUSE-PC-XXX-LLC-CZ Datasheet
265Kb / 2P
Liquid level control
2019 Rev: 2-B-043019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com