Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCFP96M Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # VCFP96M
Description  Multifunction Meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

VCFP96M Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  VCFP96M Datasheet HTML 1Page - Automatic Timing & Controls, Inc. VCFP96M Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
158
Diversified Electronics
800.727.5646
atcdiversified.com
AUXILIARY SUPPLY SPECIFICATIONS
SETTABLE PARAMETERS
ENVIRONMENTAL SPECIFICATIONS
MECHANICAL SPECIFICATIONS
COMPLIANCE
ORDERING INFORMATION
DIMENSIONS
TERMINAL CONNECTIONS
CT Primary
1/5A to 10kA (Programmable for any value)
CT Secondary
1/5A (Programmable)
PT Primary
100V to 500kV (Programmable for any value)
PT Secondary
100V to 500V (Programmable for any value)
Temperature
Operating Temperature : -10 to 55°C
Storage Temperature : -20 to 75°C
Humidity
(non-condensing) Up to 85% RH
Mounting
Panel mount
Weight
318 gms
Supply Voltage 100 to 240V AC, -15% +12%, 50/60 Hz, (±5%)
Part Number:
VCFP96M
99
99
91.5
91.5
90.5
5
50
Side view
Front bezel
Panel cutout
N
S2
S1
S2
S1
S2
S1
V1
N
L
O
A
D
I
1
V2
V3
L1
L2
L3
I
2
I
3
L
N
PULSE O/P
+
RS485
+
Cable Size (mm2): 0.5 to 2.5 ; Tightening Torque (N-m): 0.68 to 0.79
Applicable EMI / EMC Standards
Product Standard : IEC 61326-1
Category
Standards Compliance
ESD Immunity
IEC 61000-4-2
Level IV (Air discharge : 15kV),
(Contact Discharge : -8kV
Surge Immunity
IEC 61000-4-5
+/- 2kV common mode, (Line to ground)
+/- 1kV differential mode, (Line to Line)
Radiated Susceptibility
IEC 61000-4-3
Level III, 80 to 1000MHz (10V/m)
Level II, 1.4GHz to 2GHz (3V/m)
Level I, 2GHz to 2.7GHz (1V/m)
Conducted Susceptibility
IEC 61000-4-6
Level II (3V/m)
Voltage Dips and
Interruptions
IEC 61000-4-11
Dips : 0% residual voltage /
1 cycle (Criteria B), 40% residual voltage /
10 cycles 50Hz / 12 cycles 60Hz (Criteria C)
70% residual voltage / 25 cycles
50Hz / 30 cycles 60Hz (Criteria C)
Interruptions : 0% residual voltage /
250 cycles 50Hz / 300 cycles 60Hz
(Criteria C)
Conducted Emission
CISPR-11
Radiated Emission
CISPR-11
Electrical Fast Transient
IEC 61000-4-4
Level III (2kV)
Diversified Electronics
800.727.5646
atcdiversified.com
FEATURES
OUTPUT SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com