Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCFP96M Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # VCFP96M
Description  Multifunction Meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

VCFP96M Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  VCFP96M Datasheet HTML 1Page - Automatic Timing & Controls, Inc. VCFP96M Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
157
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
Multifunction Meter
DISPLAY SPECIFICATION
FEATURES
INPUT SPECIFICATIONS
OUTPUT SPECIFICATIONS
• 3Ø True RMS (Voltage, Current)
• 3Ø Power (Active, Reactive, Apparent),
Energy (Active, Reactive, Apparent)
• Programmable CT/PT Primary/Secondary
• CT Polarity Error Detection
• Variable Pulse width Selection
• Single Phase Network with Phase Selection
• Modbus RTU Communication (RS485)
• Neutral Current Measurement
• THD up to 31st Level.
• Single Pulse Output / Demand
Phase Sequence Detection
Display
4 rows, LCD with backlight
Digits
4 (Lowest 8 digits for energy display)
Bar graph
For Current representation
Electrical Connection
3Ø-3 wire, 3Ø-4 wire, 2Ø-3 wire, 1Ø-2 wire
Input Voltage Range
11 to 300V AC, (Phase to Neutral)
19 to 519V AC (Phase to Phase)
Input Current Range
Nominal 5A AC (Min-11mA, Max-6A)
Frequency
45 to 65Hz
Display Scrolling
Automatic / Manual (Programmable)
Power Consumption
8VA Max
Display Reset
Programmable (For energy)
Resolution
For energy :
0.01k, 0.1k, 1k, 0.01m, 0.1m, 1m
(depending upon CT ratio x PT ratio)
For Power, Voltage,
Current : Auto resolution
For Power factor : 0.001
Accuracy
Voltage (L-N / L-L) : ±0.5% of F.S.
Power Factor ±0.01 Current ±0.5% F.S.
Frequency : ±0.1% For L-N Voltage >20V
For L-L Voltage >35V
Power (Active, Reactive, Apparent) : 1%
Energy (Active, Reactive, Apparent) : Class 1
Memory Retention
10 years (For energy)
Measuring Parameters
Voltage (L-L / L-N) (Individual / Average),
Current (I1, I2, I3) (Individual / Average),
Frequency, Power Factor (Individual /Total),
Active, Reactive & Apparent power
(Individual / Total),
Active, Reactive & Apparent Energy
(Total), Demand (Min / Max Active Power,
Min/Max Reactive Power,
Max Apparent Power), %THD up to 31st Level
Max Demand Current,
Neutral Current, Phase Sequence Detection
Pulse Output
Voltage Range : External 24V DC max
Current Capacity : 100mA max
Pulse Width : 100 ms ± 5 ms
Communication
Interface and
Protocol
RS485 and MODBUS RTU
Communication
Address
1 to 255
Transmission
Mode
Half duplex
Transmission
Distance
500 meter maximum
Transmission
Speed
300, 600, 1200, 2400, 4800,
9600, 19200 (in bps)
Parity
None, Odd, Even
Stop Bits
1 or 2
Response Time
100 ms (max and independent of
baud rate)
IND. CONT. EQ.
496Y


Similar Part No. - VCFP96M

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF0 SCHNEIDER-VCF0 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - on door
Jul 12, 2021
VCF0 SCHNEIDER-VCF0 Datasheet
199Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - on door
Jun 13, 2022
VCF01 SCHNEIDER-VCF01 Datasheet
104Kb / 3P
TeSys Vario - emergency stop switch disconnector - 20 A - on door
Jul 12, 2021
VCF01 SCHNEIDER-VCF01 Datasheet
115Kb / 3P
TeSys Vario - emergency stop switch disconnector - 20 A - on door
Jun 13, 2022
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
More results

Similar Description - VCFP96M

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PME-1210 ADVANTECH-PME-1210 Datasheet
166Kb / 1P
1-phase Multifunction Power Meter
PME-1230 ADVANTECH-PME-1230 Datasheet
353Kb / 2P
3-phase Multifunction Power Meter
PME-1210 ADVANTECH-PME-1210_13 Datasheet
168Kb / 1P
1-phase Multifunction Power Meter
logo
SHANGHAI BELLING CO., L...
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
Single Phase, Multifunction Energy meter IC
logo
SELEC Controls Pvt. Ltd
MFM374 SELEC-MFM374 Datasheet
618Kb / 2P
Multifunction Meter
MFM383A SELEC-MFM383A Datasheet
668Kb / 2P
Multifunction Meter
MFM384 SELEC-MFM384 Datasheet
664Kb / 2P
Multifunction Meter
logo
Littelfuse
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
Multifunction
2016 Rev: 1-A-062216
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
logo
Advantech Co., Ltd.
WISE-M501 ADVANTECH-WISE-M501 Datasheet
302Kb / 1P
Multifunction Panel Mount Smart Power Meter
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com