Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB862 Datasheet(PDF) 5 Page - Kingbor Technology Co

Part # KB862
Description  Microprocessor Reset circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB862 Datasheet(HTML) 5 Page - Kingbor Technology Co

  KB862 Datasheet HTML 1Page - Kingbor Technology Co KB862 Datasheet HTML 2Page - Kingbor Technology Co KB862 Datasheet HTML 3Page - Kingbor Technology Co KB862 Datasheet HTML 4Page - Kingbor Technology Co KB862 Datasheet HTML 5Page - Kingbor Technology Co KB862 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
March 2007
5
KB862
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
(For products with
detection voltage 2.8V typ. CMOS output)
Output voltage
0
0.5
1.0
1.5
2.0
2.5
1
1.5
2
2.5
3
3.0
Input Voltage (V)
Consumption current
0
0.5
1
1.5
2
2.5
02468
10
3
Input Voltage (V)
MR pin output current
0.0
1.0
2.0
3.0
0
0.5
1
1.5
2
2.5
3
4.0
VDS=0.5V
Input Voltage (V)
Delay time vs MR
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
1000
MR (
µF)
Detecting voltage vs temperature
2.60
2.70
2.80
2.90
-40 -20
0
20406080
100
3.00
Temperature (
°C)
Hysteresis voltage vs temperature
80
100
120
140
160
180
-40 -20
0
20406080
100
200
Temperature (
°C)
Note: These are typical characteristics.
Characteristics
KB862



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com