Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB862 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB862
Description  Microprocessor Reset circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB862 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB862 Datasheet HTML 1Page - Kingbor Technology Co KB862 Datasheet HTML 2Page - Kingbor Technology Co KB862 Datasheet HTML 3Page - Kingbor Technology Co KB862 Datasheet HTML 4Page - Kingbor Technology Co KB862 Datasheet HTML 5Page - Kingbor Technology Co KB862 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 2007
1
KB862
This system reset IC, developed using the CMOS pr-
ocess, has a built-in delay function. Super low consu-
mption current of 1.0 A typ. has been achieved throu-
gh use of the CMOS process. Also, detection voltage is
high precision detection of 2%.
µ
µP
/RESET
Typical Operating Circuit
• Under-voltage monitor
• Power-on reset generation (150ms Typ)
• Choice of threshold voltages (contact Kingbor regarding
availability)
• Active-low reset output
• Rejects brief input transients
• Industry standard package and pinout
• 4-pin SC-82AB package
• Monitoring processor, ASIC, or FPGA core and I/O
voltages
• PDAs, hand-held PCs
• Embedded controllers
• Telecommunications systems
• Power supplies
• Wireless / Cellular systems
• Networking hardware
Typical
Nominal
Junction
Part Number
Marking
Application
Threshold
T
RST (ms)
Temperature
Package
Voltage*
Voltage
Range
KB862-280
6K
3.3V
±5%
2.8V
150
–30
°C to +85°C
SC-82AB
Microprocessor Reset circuits
KB862
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
KB862
General Description
Features
Applications
Ordering Information
Typical Application
Block Diagrams
• Super low consumption current(1.0uA typ)
• High precision detection voltage(2%)
• Operating range(0.7 - 10V)
• Wide operating temperature range(-30 to +85 C)
°
/RESET
/MR
C1
0.22uF
/MR
/RESET
VDD
VDD
VDD
VDD
GND


Similar Part No. - KB862

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB809 KINGBOR-KB809 Datasheet
117Kb / 6P
Microprocessor Reset circuits
KB809-263 KINGBOR-KB809-263 Datasheet
117Kb / 6P
Microprocessor Reset circuits
KB809-293 KINGBOR-KB809-293 Datasheet
117Kb / 6P
Microprocessor Reset circuits
logo
Kingbright Corporation
KB814 KINGBRIGHT-KB814 Datasheet
192Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB8141 KINGBRIGHT-KB8141 Datasheet
156Kb / 8P
PHOTOCOUPLER
More results

Similar Description - KB862

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
Microprocessor Reset Circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
MICROPROCESSOR RESET CIRCUITS
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
Microprocessor Reset Circuits
Rev. E
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com