Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBOX-B-201-RPL Datasheet(PDF) 4 Page - Kontron

Part # KBOX-B-201-RPL
Description  Industrial Computer Platform for Desktop & Control Room Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

KBOX-B-201-RPL Datasheet(HTML) 4 Page - Kontron

  KBOX-B-201-RPL Datasheet HTML 1Page - Kontron KBOX-B-201-RPL Datasheet HTML 2Page - Kontron KBOX-B-201-RPL Datasheet HTML 3Page - Kontron KBOX-B-201-RPL Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBox B-201-RPL
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Accessories
AC POWER SUPPLY
1064-8948
90 to 264 VAC, 150 W PSU
POWER CORD EU
0-0064-2173
Euro (Type A), 2.5 m
POWER CORD UK
0-0064-4173
UK (Type C), 2.5 m
POWER CORD US
0-0064-4317
US, 2 m
WALL MOUNT KIT
1065-3430
Wall mount kit
VERTICAL STAND KIT
1065-3431
Vertical stand kit
VESA KIT
1069-7289
Vesa Kit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com