Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBOX-B-201-RPL Datasheet(PDF) 1 Page - Kontron

Part # KBOX-B-201-RPL
Description  Industrial Computer Platform for Desktop & Control Room Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

KBOX-B-201-RPL Datasheet(HTML) 1 Page - Kontron

  KBOX-B-201-RPL Datasheet HTML 1Page - Kontron KBOX-B-201-RPL Datasheet HTML 2Page - Kontron KBOX-B-201-RPL Datasheet HTML 3Page - Kontron KBOX-B-201-RPL Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial Computer Platform for Desktop &
Control Room Applications
KBox B-201-RPL
* High performance: 14th/13th Gen Intel® Core™ i9/i7/i5/i3
* Small form factor based on mITX motherboard
* Whisper quiet operation <34 dB(A)
* Various mounting options
* Several storage options incl. RAID


Similar Part No. - KBOX-B-201-RPL

ManufacturerPart #DatasheetDescription
logo
Kontron
KBOX-B-201-CFL KONTRON-KBOX-B-201-CFL Datasheet
2Mb / 4P
High-end computing in a small footprint for noise sensitive environments
KBOX-B-201-CFL-S KONTRON-KBOX-B-201-CFL-S Datasheet
2Mb / 4P
High-end computing in a small footprint for noise sensitive environments
KBOX-B-201-CFL-V KONTRON-KBOX-B-201-CFL-V Datasheet
2Mb / 4P
High-end computing in a small footprint for noise sensitive environments
More results

Similar Description - KBOX-B-201-RPL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
Phase Control Circuit for Industrial Applications
logo
Axiomtek Co., Ltd.
AX6033 AXIOMTEK-AX6033 Datasheet
186Kb / 1P
Desktop or wallmount industrial computer chassis
AX60501 AXIOMTEK-AX60501 Datasheet
208Kb / 1P
Desktop or wallmount industrial computer chassis
AX60551 AXIOMTEK-AX60551 Datasheet
146Kb / 1P
Desktop or wallmount industrial computer chassis
AX60552 AXIOMTEK-AX60552 Datasheet
348Kb / 1P
Desktop or wallmount industrial computer chassis
logo
New Jersey Semi-Conduct...
C611 NJSEMI-C611 Datasheet
84Kb / 1P
For High Volume Light Industrial, Computer, and Consumer Applications
C6 NJSEMI-C6 Datasheet
84Kb / 1P
For High Volume Light Industrial, Computer, and Consumer Applications
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
Industrial Computer for IoT, Industrial Control and Automation
logo
ON Semiconductor
ASP2100 ONSEMI-ASP2100 Datasheet
593Kb / 40P
82 Phase Output Controller with SVID Interface for Desktop Computer CPU Applications
March, 2023 - Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com