Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3429-AF Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB3429-AF
Description  Synchronous Boost DC//DC Regullator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3429-AF Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB3429-AF Datasheet HTML 1Page - Kingbor Technology Co KB3429-AF Datasheet HTML 2Page - Kingbor Technology Co KB3429-AF Datasheet HTML 3Page - Kingbor Technology Co KB3429-AF Datasheet HTML 4Page - Kingbor Technology Co KB3429-AF Datasheet HTML 5Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-- 4
4 --
E
Elle
ec
cttr
riic
ca
all C
Ch
ha
ar
ra
ac
ctte
er
riissttiic
css
Operating Conditions: TA=25
, VIN=1.2V, VOUT=3.3V unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Range (Adj.)
2.5
5
V
Minimum Start-Up Voltage
ILOAD = 1mA
0.82
0.85
V
Minimum Operating Voltage
EN = VIN
0.5
0.65
V
Switching Frequency
1.1
1.5
1.7
MHz
Max Duty Cycle
VFB = 1.15V
80
87
%
Current Limit Delay to Output
40
ns
Feedback Voltage
1.165
1.23
1.241
V
Feedback Input Current
VFB = 1.22V
1
nA
NMOS Switch Leakage
VSW = 5V
0.1
5
µA
PMOS Switch Leakage
VSW = 0V
0.1
5
µA
NMOS Switch On Resistance
VOUT = 3.3V
0.35
PMOS Switch On Resistance
VOUT = 3.3V
0.45
NMOS Current Limit
700
950
mA
Quiescent Current (Active)
Measured On VOUT, Nonswitching
300
500
µA
Shutdown Current
VEN=0V, Including Switch Leakage
0.1
1
µA
En Input High
1
V
En Input Low
0.35
V
En Input Current
VEN = 5.5V
0.01
1
µA
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB3429
Ver: 1.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com