Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3429-AF Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3429-AF
Description  Synchronous Boost DC//DC Regullator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3429-AF Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3429-AF Datasheet HTML 1Page - Kingbor Technology Co KB3429-AF Datasheet HTML 2Page - Kingbor Technology Co KB3429-AF Datasheet HTML 3Page - Kingbor Technology Co KB3429-AF Datasheet HTML 4Page - Kingbor Technology Co KB3429-AF Datasheet HTML 5Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
-- 1
1 --
S
Sy
yn
nc
ch
hrro
on
no
ou
us
s B
Bo
oo
os
stt D
DC
C//D
DC
C R
Re
eg
gu
ulla
atto
orr kB3429
F
Fe
ea
attu
ur
re
ess
Up to 96% Efficiency
Low voltage start-up
0.82V
Shut-down current: < 1µA
Input voltage
0.5V
4.4V
Output voltage
2.5V
4.3V (Up to 5V
with Schottky)
Low switch on resistance RDS(ON),
Internal switch: 0.35
0.5MHz fixed frequency switching
High switch on current: 1A
Short-Circuit protection
Low Profile (1mm) SOT-23 Package
A
Ap
pp
plliic
ca
attiio
on
nss
Digital cameras and MP3
Palmtop computers / PDAs
Cellular phones
Wireless handsets and DSL modems
PC cards
Portable media players
D
De
essc
cr
riip
pttiio
on
n
The
kB3429
is
high
efficiency
synchronous, step-up DC/DC converters
optimized to provide a high efficient solution
to medium power systems. The devices
work under the input voltage between 0.6V
and 4.4V with a 1.5MHz fixed frequency
switching. These features minimizes overall
solution footprint by allowing the use of tiny,
low
profile
inductors
and
ceramic
capacitors.
The kB3429 is capable of supplying an
output voltage between 2.5V and 4.3V, the
internal synchronous switch is desired to
provide high efficiency without Schottky.
The devices also featured providing up to
260mA from a single AA cell input or up to
600mA from a 2-cell AA with a 3V/3.3V
output.
The kB3429 regulators are available in
the
industry
standard
SOT-23-6
power
packages (or upon request).
kB3429
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB3429
Ver: 1.3


Similar Part No. - KB3429-AF

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
KB3426-ADJ KINGBOR-KB3426-ADJ Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
KB3426B-1.8 KINGBOR-KB3426B-1.8 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
KB3426B-3.3 KINGBOR-KB3426B-3.3 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
More results

Similar Description - KB3429-AF

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
Synchronous Buck-Boost DC/DC Regulator
HM3400 HMSEMI-HM3400 Datasheet
525Kb / 9P
Synchronous Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com