Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3426 Datasheet (PDF) - Kingbor Technology Co

KB3426 Datasheet PDF - Kingbor Technology Co
Part # KB3426
Download  KB3426 Download
File Size   199.66 Kbytes
Page   16 Pages
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co
Description 1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5

KB3426 Datasheet (PDF)

Go To PDF Page Download Datasheet
KB3426 Datasheet PDF - Kingbor Technology Co

Part # KB3426
Download  KB3426 Click to download

File Size   199.66 Kbytes
Page   16 Pages
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co
Description 1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5

KB3426 Datasheet (HTML) - Kingbor Technology Co




Similar Part No. - KB3426

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3429 KINGBOR-KB3429 Datasheet
154Kb / 5P
Synchronous Boost DC//DC Regullator
KB3429-AF KINGBOR-KB3429-AF Datasheet
154Kb / 5P
Synchronous Boost DC//DC Regullator
More results


Similar Description - KB3426

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3361 KINGBOR-KB3361 Datasheet
196Kb / 6P
1.4MHz 800mA High Efficiency Synchronous Step-Down Regulator in SOT23-5
KB3408 KINGBOR-KB3408 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Semtech Corporation
SC4626 SEMTECH-SC4626 Datasheet
1Mb / 21P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
E-CMOS Corporation
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
1.5MHz 800mA Synchronous Step-Down Regulator Dropout
logo
ETA SOLUTIONS CO. LIMIT...
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com