Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4626 Datasheet (PDF) - Semtech Corporation

SC4626 Datasheet PDF - Semtech Corporation
Part # SC4626
Download  SC4626 Download
File Size   1049.06 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5

SC4626 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4626 Datasheet PDF - Semtech Corporation

Part # SC4626
Download  SC4626 Click to download

File Size   1049.06 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5

SC4626 Datasheet (HTML) - Semtech Corporation


SC4626 Product details

Description
The SC4626 is a high efficiency, synchronous step-down regulator providing up to 1A output current in a SOT23-5 package. The device requires only three external filter components for a complete step-down regulator solution. The input voltage range is 2.9 to 5.5V with either factory programmed outputs from 1.0 to 3.3V or adjustable output via an external resistor divider.

Features
■ VIN Range: 2.9 – 5.5V
■ VOUT Options: 1.0 - 3.3V
■ Up to 1A Output Current
■ 2.5MHz Switching Frequency
■ Efficiency Up to 93%
■ Low Output Noise Across Load Range
■ Excellent Transient Response
■ Start Up into Pre-Bias Output
■ 100% Duty-Cycle Low Dropout Operation
■ <1µA Shutdown Current
■ Internal Soft Start
■ Input Under-Voltage Lockout
■ Output Over-Voltage, Current Limit Protection
■ Over-Temperature Protection
■ Adjustable Output Voltage
■ SOT23-5 Package
■ Fully WEEE and RoHS Compliant

Applications
■ Bluetooth Radios
■ DSC and PMPs
■ GPS Devices
■ xDSL Systems
■ POL Regulators
■ Portable HDD
■ Wireless LAN




Similar Part No. - SC4626

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4626 SEMTECH-SC4626 Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
More results


Similar Description - SC4626

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3361 KINGBOR-KB3361 Datasheet
196Kb / 6P
1.4MHz 800mA High Efficiency Synchronous Step-Down Regulator in SOT23-5
KB3408 KINGBOR-KB3408 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com