Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB4313 Datasheet(PDF) 5 Page - Kingbor Technology Co

Part # KB4313
Description  High Efficiency, Constant Current 12 Watt Boost White-LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4313 Datasheet(HTML) 5 Page - Kingbor Technology Co

  KB4313 Datasheet HTML 1Page - Kingbor Technology Co KB4313 Datasheet HTML 2Page - Kingbor Technology Co KB4313 Datasheet HTML 3Page - Kingbor Technology Co KB4313 Datasheet HTML 4Page - Kingbor Technology Co KB4313 Datasheet HTML 5Page - Kingbor Technology Co KB4313 Datasheet HTML 6Page - Kingbor Technology Co KB4313 Datasheet HTML 7Page - Kingbor Technology Co KB4313 Datasheet HTML 8Page - Kingbor Technology Co KB4313 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
R
CE2300
From DSP
LX
GND
OVP
FB
22uF
VIN
1N5817
10uH
2.2uF
KB4313
0.285/0.57/0.666
EN
OFF
ON
PWM
Signal
VIN
3.4V to 4.2V
High Efficiency, Constant Current
5
KB4313
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATION CIRCUIT
Figure 1a. kB4313 Typical Application Circuit with 700mA 18V Output .
Figure 1b. kB4313 Typical Application Circuit with 700mA
Output .
1LED
3W,1W,3x1W
16V
/350mA/300mA
Tan
+
LX
GND
OVP
FB
VIN
10uH
4.7uF
VIN1
2.4V to 6.0V
KB4313
EN
OFF
ON
PWM
Signal
TBD
3W x 5 LEDs
22uF
12V
VIN2
1uF
REV: 2.0
16V
Tan
+
330K
1N5819
12 Watt Boost White-LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com