Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB4313 Datasheet(PDF) 8 Page - Kingbor Technology Co

Part # KB4313
Description  High Efficiency, Constant Current 12 Watt Boost White-LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4313 Datasheet(HTML) 8 Page - Kingbor Technology Co

Back Button KB4313 Datasheet HTML 2Page - Kingbor Technology Co KB4313 Datasheet HTML 3Page - Kingbor Technology Co KB4313 Datasheet HTML 4Page - Kingbor Technology Co KB4313 Datasheet HTML 5Page - Kingbor Technology Co KB4313 Datasheet HTML 6Page - Kingbor Technology Co KB4313 Datasheet HTML 7Page - Kingbor Technology Co KB4313 Datasheet HTML 8Page - Kingbor Technology Co KB4313 Datasheet HTML 9Page - Kingbor Technology Co KB4313 Datasheet HTML 10Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Soft-start allows a gradual increase of the internal current-limit level for the step-up converter during
power-up to reduce input surge currents. As the internal current source charges the internal soft-start
capacitor, the peak N-MOS current is limited by the voltage on the capacitor. In another story, when
toggle or a logic-level transition on EN pin from low to high, soft-start function must work to enable
constant current charging internal capacitor. When soft-start process has finished or appeared falling
edge of PWM signal on EN pin , soft-start capacitor must be discharged to ground level.
The KB4313 provides cycle-by-cycle over-current protection. Current limit is accomplished using a
separate dedicated comparator. The cycle-by-cycle current limit abbreviates the on-time of the N-MOS
in event that the current of flowing N-MOS is greater than the current limit value. The current-limit
feature protection against a hard short or over-current fault at the output.
If VOUT is above 16V or LEDs are disconnected from the circuit, the FB pin is similar to pull down to
ground with a sense resistor. This will cause N-MOS to switch with a maximum duty cycle and come
out output over-voltage. This may cause the LX pin voltage to exceed its maximum voltage rating to
damage built-in N-MOS. In the state, the OVLO protection circuitry stops the internal N-MOS . When
VOUT falls below 16V, IC will automatically recover normal operation.
The KB4313 maximum power dissipation depends on the thermal resistance of the IC package and
circuit board, the temperature difference between the die junction and ambient air, and the rate of any
airflow. The power dissipation in the device depends on the operating conditions of the regulator.
The step-up converter dissipates power across the internal N-MOS as the controller ramps up the
inductor current. In continuous condition, the power dissipated internally can be approximated by :
D
R
L
f
D
V
V
V
I
P
ON
DS
OSC
in
in
O
O
boost
)
(
2
2
]
)
(
12
1
)
[(
w
here
IO : It is the load current.
fOSC : It is a switching frequency.
High Efficiency, Constant Current
8
KB4313
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
Soft-Start
Cycle-by-Cycle Over-Current Protection
Over-Voltage Protection
Power dissipation consideration
REV: 2.0
12 Watt Boost White-LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com