Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3121 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3121
Description  3.5A Synchronous buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3121 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3121 Datasheet HTML 1Page - AXElite technology co. ltd AX3121 Datasheet HTML 2Page - AXElite technology co. ltd AX3121 Datasheet HTML 3Page - AXElite technology co. ltd AX3121 Datasheet HTML 4Page - AXElite technology co. ltd AX3121 Datasheet HTML 5Page - AXElite technology co. ltd AX3121 Datasheet HTML 6Page - AXElite technology co. ltd AX3121 Datasheet HTML 7Page - AXElite technology co. ltd AX3121 Datasheet HTML 8Page - AXElite technology co. ltd AX3121 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.16, 2019
AX3121
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
SVCC,PVCC Pin Voltage
VCC
VSS - 0.3 to VSS + 24
V
Feedback Pin Voltage
VFB
VSS - 0.3 to VCC
V
EN/SS Pin Voltage
VEN/SS
VSS - 0.3 to 5
V
COMP Pin Voltage
VCOMP
VSS - 0.3 to 5
V
Switch Pin Voltage
VSW
VSS - 0.3 to VCC + 0.3
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TST
-40 to +165
°C
Junction Temperature Range
TJ
-40 to +150
°C
Operating Supply Voltage
VOP
4.5 to 23
V
Thermal Resistance from Junction to case
θJC
SOP-8L-EP=15,
°C/W
Thermal Resistance from Junction to ambient
θJA
SOP-8L-EP=40,
°C/W
Note: θJA is measured with the PCB copper area(need connect to Exposed pad) of approximately 1 in2(Multi-layer).
ELECTRICAL CHARACTERISTICS
(VIN = 12V, VOUT=3.3V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Feedback Voltage
VFB
IOUT=0.1A
0.605 0.620 0.635 V
Feedback Bias Current
IFB
IOUT=0.1A
-
0.1
0.5
uA
Quiescent Current
ICCQ
VFB=1.2V force driver
off
-
6
8
mA
Shutdown Supply Current
ISD
VEN =0V
-
45
80
uA
Switch Current Limit
ISW-Lim
4.0
-
-
A
Line Regulation
△ VOUT/VOUT
VIN = 4.5V~23V,
IOUT=0.2A
-
0.02 0.1
%
Load Regulation
△ VOUT/VOUT IOUT = 0.1A to 3.5A
-
0.3 0.7
%
Oscillation Frequency
FOSC
SW pin
200 250 300 KHz
Short Oscillation Frequency
FOSC1
VFB<0.4V
-
40
-
KHz
Dead Time
TDR
Rising
-
50
-
nS
TDF
Falling
-
50
-
EN/SS shutdown threshold
voltage
VENL
regulator OFF
-
-
0.4
V
EN/SS current
IEN/SS
VEN/SS=0V
-
6
12
uA
Internal PMOS RDSON
RDS(ON)-P
VIN=5V, VFB=0V
-
90 150
mΩ
VIN=12V, VFB=0V
-
50 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com