Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3121 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3121
Description  3.5A Synchronous buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3121 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3121 Datasheet HTML 1Page - AXElite technology co. ltd AX3121 Datasheet HTML 2Page - AXElite technology co. ltd AX3121 Datasheet HTML 3Page - AXElite technology co. ltd AX3121 Datasheet HTML 4Page - AXElite technology co. ltd AX3121 Datasheet HTML 5Page - AXElite technology co. ltd AX3121 Datasheet HTML 6Page - AXElite technology co. ltd AX3121 Datasheet HTML 7Page - AXElite technology co. ltd AX3121 Datasheet HTML 8Page - AXElite technology co. ltd AX3121 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.16, 2019
AX3121
Internal NMOS RDSON (Note1)
RDS(ON)-N
-
75 140
mΩ
-
45 120
Thermal Shutdown
TSD
-
150
-
°C
Thermal Shutdown Hysteresis
TSH
-
30
-
°C
Note1: Guaranteed by design.
APPLICATION CIRCUIT
1. Using Aluminum Electrolytic Capacitor (AL)
C1
470uF
C4
470uF
1
2
L1
33uH
R2
13K
R5
3K
VIN=4.5~20V
VOUT = 3.3V/3.5A
R4
C5
0.1uF
FB
2
EN/SS
3
COMP
1
PVcc
4
SVcc
8
SW
6
PGND
7
SGND
5
AX3121ES
R2
R5
VFB = 0.62V ; R5 suggest 3K ~ 6.8k
VOUT = VFB x (1 +
)
C2
0.1uF
C7
4.7nF
C9
C6
0.1uF
C3
R6
3R3
COUT ESR Range
VIN
VOUT
R4(Ω)
C9
C3
30m~80mΩ
4.5V~20V
1.2~5V
1.2K
10n
1000p
80m~300mΩ
4.5V~20V
1.2~1.8V
240
10n
22p
4.5V~20V
2.0~5V
240
10n
180p~270p
2. Using Multilayer Ceramic Capacitor (MLCC)
C1
10uF*2
C4
22uF*2
1
2
L1
33uH
R2
13K
R5
3K
VIN=4.5~20V
VOUT = 3.3V/3.5A
R4
C5
0.1uF
FB
2
EN/SS
3
COMP
1
PVcc
4
SVcc
8
SW
6
PGND
7
SGND
5
AX3121
R1
R5
VFB = 0.62V ; R5 suggest 3K ~ 6.8k
VOUT = VFB x (1 +
)
C2
0.1uF
C7
4.7nF
C8
C6
0.1uF
C3
R6
3R3
4K7 1000p
1000p
VIN
VOUT
R4
C8
C3
4.5V~20V
2.0V~5V
4K7
1000p
1000p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com