Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3117BESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3117BESA
Description  PWM Control 3A Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3117BESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3117BESA Datasheet HTML 1Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 2Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 3Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 4Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 5Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 6Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 7Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 8Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3117
ABSOLUTE MAXIMUM RATINGS (at TA = 25°C)
Characteristics
Symbol
Rating
Unit
VIN Pin Voltage
VIN
GND - 0.3 to GND + 45
V
Feedback Pin Voltage
VFB
GND - 0.3 to VIN
V
SENSE1/2, EN/CT Pin Voltage
GND - 0.3 to 6
V
Switch Pin Voltage
VSW
GND - 0.3 to VIN + 0.3
V
Power Dissipation
PD
(TJ – TA)/θJA
W
Storage Temperature Range
TST
-40 to +165
°C
Operating Temperature Range
TOP
-30 to +130
°C
Operating Supply Voltage
VOP
+7.5 to +40
V
Output Current
IOUT
0 to 3
A
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
40
°C/W
Note : θJA is measured with the PCB copper are (need connect to Exposed pad) of approximately 1 in2(Multi-layer).
ELECTRICAL CHARACTERISTICS
(VIN=12V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Feedback Voltage
VFB IOUT=10mA
0.98 1.00 1.02
V
Under Voltage Lockout
UVLO Falling
-
5.8
-
V
UVLO Hysteresis
-
-
1.6
-
V
OVP detect voltage
VOVP Internal define
-
6
-
V
Line Regulation
-
VIN=10 ~ 40V, IOUT=10mA
-
0.5
1
%
Load Regulation
-
IOUT=0~2A,
RSENSE = 50mΩ
AX31117/A
+270 +320 +370
mV
AX3117B
+100 +150 +200
Quiescent Current
ICCQ VFB = 1.5V, force driver off.
-
5
8
mA
Oscillator frequency
FOSC IOUT = 0.5A
AX3117/B
70 100 130 KHz
AX3117A
240 300 360 KHz
Max. Duty Cycle (ON)
DC
Force driver on VFB = 0.6V
-
100
-
%
Min. Duty Cycle (OFF)
Force driver off VFB = 1.5V
-
0
-
%
Internal MOSFET RDSON
RDSON VIN=12V, IOUT = 2A
-
100 150 mΩ
Sense Voltage
VSENSE VSENSE1-VSENSE2
130 140 150 mV
Sense Voltage Hysteresis
VSENSE-h
-
50
-
mV
EN/CT pin logic input
threshold voltage
VEN Shutdown mode
-
0.3
V
VCT Auto restart, VFB<0.4V
0.5
-
1.5
EN/CT pin current
IEN/CT-C Charge current
-
-26
-
uA
EN/CT pin current
IEN/CT-D Discharge current
-
1.8
-
uA
Thermal shutdown Temp
TSD
-
150
-
°C
Thermal Shutdown
Hysteresis
TSH
-
40
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com