Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3117BESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3117BESA
Description  PWM Control 3A Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3117BESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3117BESA Datasheet HTML 1Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 2Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 3Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 4Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 5Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 6Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 7Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 8Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3117
APPLICATION CIRCUIT
)
1
R
2
R
+
1
(
×
V
0
.
1
=
V
OUT
L1 recommend value (VIN=10~36V ,VOUT=5V)
Version
AX3117/B
AX3117A
L1 Value (H)
66u
33u
FUNCTION DESCRIPTIONS
SENSE1/2
The current limit sense pin, if VSENSE1-VSENSE2≧140mV, the over current is happened
that it can turn-off driver cycle by cycle.
EN/CT
The pin is enable/shutdown and auto restart control functions. When system is
normal operating, this pin is enable/shutdown function. Pulling this pin below a threshold
voltage of under 0.3V shuts the regulator off, and pulling this pin from 0.5V to 1.5V turns
the regulator on. However when VOUT is short (VFB<0.4V), the auto restart function can be
started that restart the regulator cycle by cycle. The cycle time is set by outside capacitor
(C10). Please refer the below waveform and formula, the t2 cycle is regulator off time and
t1 cycle is current limit time. The charge-current is 26uA and discharge-current is 1.8uA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com