Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3121ES Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3121ES
Description  3.5A Synchronous buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3121ES Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3121ES Datasheet HTML 1Page - AXElite technology co. ltd AX3121ES Datasheet HTML 2Page - AXElite technology co. ltd AX3121ES Datasheet HTML 3Page - AXElite technology co. ltd AX3121ES Datasheet HTML 4Page - AXElite technology co. ltd AX3121ES Datasheet HTML 5Page - AXElite technology co. ltd AX3121ES Datasheet HTML 6Page - AXElite technology co. ltd AX3121ES Datasheet HTML 7Page - AXElite technology co. ltd AX3121ES Datasheet HTML 8Page - AXElite technology co. ltd AX3121ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.16, 2019
AX3121
BLOCK DIAGRAM
PVcc
Oscillation
Circuit
0.62V
PGND
VEN
EN/SS
COMP
FB
SW
Thermal
Shutdown
-
PWM Switched
Control Circuit
PMOS
NMOS
CLM
6uA
3.5V
Soft-Start
SGND
SVcc
PIN ASSIGNMENT
The package of AX3121 is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
FB
COMP
SOP-8L-EP
Exposed
Pad
(SW)
PVcc
EN/SS
SVcc
SGND
SW
PGND
Name
Description
FB
Feedback pin
EN/SS
ON/OFF Shutdown and Soft-start
pin
COMP Compensation pin
PVCC
Driver power supply pin
SVcc IC power supply pin
SW
Switch pin. Connect external
inductor here.
PGND Power ground pin
SGND Signal ground pin
ORDER/MARKING INFORMATION
Order Information
Top Marking (SOP-8L-EP)
Package Type
ES: SOP-8L-EP
AX3121 XX X
Packing
Blank : Tube
A : Taping
Logo
Y
AX 3
Part number
ID code:internal
WW : 01~52
1 2 1
Y WW X
Year : 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com