Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3121ES Datasheet (PDF) - AXElite technology co. ltd

AX3121ES Datasheet PDF - AXElite technology co. ltd
Part # AX3121ES
Download  AX3121ES Download
File Size   956.09 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3.5A Synchronous buck Converter

AX3121ES Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3121ES Datasheet PDF - AXElite technology co. ltd

Part # AX3121ES
Download  AX3121ES Click to download

File Size   956.09 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3.5A Synchronous buck Converter

AX3121ES Datasheet (HTML) - AXElite technology co. ltd


AX3121ES Product details

 GENERAL DESCRIPTION
AX3121 consists of step down switching regulator with synchronous PWM converter. These devise include a reference voltage source, oscillation circuit, error amplifier, internal PMOS and NMOS etc.
AX3121 provides low-ripple power, high efficiency, and excellent transient characteristics. The PWM control circuit is able to the duty ratio linearly form 0 up to 100%. This converter also contains an error amplifier circuit as well as an enable/soft-start circuit that prevents overshoot at startup. An enable function, an over current protect function and short circuit protect function are built inside, and when OCP or SCP happens, the operation frequency will be reduced. Also, an external compensation is easily to system stable.
With the addition of internal PMOS and NMOS, a coil and capacitors externally, these ICs can function as step down switching regulators. They serve as ideal power supply units for portable devices when coupled with the SOP-8L-EP package, providing such outstanding features as low current consumption. Since this converter can accommodate an input voltage up to 23V.

 FEATURES
- Input voltage 4.5 V to 23V
- Output voltage VFB to VCC
- Duty ratio 0% to 100% PWM control
- Oscillation frequency 250KHz typ
- Enable/Soft-Start and Current Limit (CL).
- Thermal Shutdown function.
- Short Circuit Protect (SCP).
- Built-in internal SW P-channel and N-channel MOS
- SOP-8L with Exposed Pad Pb-Free package.
- RoHS and Halogen free compliance.




Similar Part No. - AX3121ES

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3120 AXELITE-AX3120 Datasheet
920Kb / 13P
2.5A Synchronous buck Converter
Rev.1.6 Oct.16, 2019
AX3120ES AXELITE-AX3120ES Datasheet
920Kb / 13P
2.5A Synchronous buck Converter
Rev.1.6 Oct.16, 2019
AX3120ESA AXELITE-AX3120ESA Datasheet
920Kb / 13P
2.5A Synchronous buck Converter
Rev.1.6 Oct.16, 2019
More results


Similar Description - AX3121ES

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5235 AME-AME5235 Datasheet
794Kb / 15P
40V 3.5A Buck Converter
logo
ACE Technology Co., LTD...
ACE752D ACE-ACE752D Datasheet
332Kb / 9P
120KHz 3.5A Buck DC-DC Converter
VER 1.1
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com