Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3165ESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3165ESA
Description  PWM Control 2A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3165ESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3165ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Oct.16, 2019
AX3165/A
APPLICATION INFORMATION
Setting the Output Voltage
Application circuit item shows the basic application circuit with adjustable output
version. The external resistor sets the output voltage according to the following equation:
)
4
R
1
R
+
1
(
×
V
0
.
1
=
VOUT
Table 1 Resistor select for output voltage setting
VOUT
R4
R1
5V
1.5K
6K
3.3V
1.3K
3K
Inductor Selection
For most designs, the different frequency can be reducing the inductor value; The
AX3165/A is suggested 33µH. Where is inductor Ripple Current. Large value inductors
lower ripple current and small value inductors result in high ripple currents. Choose
inductor ripple current approximately 20% of the maximum load current 2A, ΔIL=0.4A. The
DC current rating of the inductor should be at least equal to the maximum load current plus
half the ripple current to prevent core saturation (2A+0.2A).
Input Capacitor Selection
This capacitor should be located close to the IC using short leads and the voltage
rating should be approximately 1.5 times the maximum input voltage. The RMS current
rating requirement for the input capacitor of a buck regulator is approximately 1⁄2 the DC
load current. A low ESR input capacitor sized for maximum RMS current must be used. A
470µF low ESR capacitor for most applications is sufficient.
Output Capacitor Selection
The output capacitor is required to filter the output and provide regulator loop stability.
The important capacitor parameters are; the 100 KHz Equivalent Series Resistance (ESR),
the RMS ripples current rating, voltage rating, and capacitance value. For the output
capacitor, the ESR value is the most important parameter. The ESR can be calculated from
the following formula.
ESR
I
V
L
RIPPLE
= 0.4A x 80mΩ= 32mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com