Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3165ESA Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX3165ESA
Description  PWM Control 2A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3165ESA Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX3165ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3165ESA Datasheet HTML 10Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Oct.16, 2019
AX3165/A
An aluminum electrolytic capacitor's ESR value is related to the capacitance and its
voltage rating. In most case, higher voltage electrolytic capacitors have lower ESR values.
Most of the time, capacitors with much higher voltage ratings may be needed to provide
the low ESR values required for low output ripple voltage. It is recommended to replace
this low ESR capacitor by using a 470µF low ESR values < 80mΩ.
PCB Layout Recommendations
1. Connect the C5 & C10 VIN bypass capacitor next to the VCC pin with a short return to the
VSS pin.
2. Keep the VGAE to VCC bypass capacitor C1 near both pins as it provides the internal P-ch
MOSFET gate driver.
3. Keep the SW traces as short as is practically possible as these carry high peak currents to
decrease the EMI issue.
4. Carefully connect the noise sensitive signals such as FB, COMP as close to the IC as
practically possible.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com