Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3531 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3531
Description  1.25MHz, 2A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3531 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3531 Datasheet HTML 1Page - AXElite technology co. ltd AX3531 Datasheet HTML 2Page - AXElite technology co. ltd AX3531 Datasheet HTML 3Page - AXElite technology co. ltd AX3531 Datasheet HTML 4Page - AXElite technology co. ltd AX3531 Datasheet HTML 5Page - AXElite technology co. ltd AX3531 Datasheet HTML 6Page - AXElite technology co. ltd AX3531 Datasheet HTML 7Page - AXElite technology co. ltd AX3531 Datasheet HTML 8Page - AXElite technology co. ltd AX3531 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Oct.31, 2019
AX3531
BLOCK DIAGRAM
FB
EN
VIN
SW
GND
Over-Temperature and
Short-Circuit Protection
REF
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic
PIN ASSIGNMENT
The package of AX3531 is TSOT-23-6L; the pin assignment is given by:
(Top View)
EN
GND
SW
VIN
FB
1
2
3
4
5
TSOT-23-6L
6
GND
Name
Description
EN
Enable pin
H:normal operation
L:Shut own
VIN
Power Supply Input Pin
SW
Switch output pin. Connect
external inductor here. Minimize
trace area at this pin to reduce
EMI.
GND
Ground Pin
FB
Output Feedback pin
ORDER/MARKING INFORMATION
Order Information
Top Marking (TSOT-23-6L)
Package Type
AX3531
Packing
Blank : Bag
XX X
CT: TSOT-23-6L
A : Taping
GG
WW: 01~26(A~Z)
27~52(a~z)
ID code: internal
AX3531
Y W X
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com