Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3531 Datasheet (PDF) - AXElite technology co. ltd

AX3531 Datasheet PDF - AXElite technology co. ltd
Part # AX3531
Download  AX3531 Download
File Size   819.52 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.25MHz, 2A Synchronous Step-Down Converter

AX3531 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3531 Datasheet PDF - AXElite technology co. ltd

Part # AX3531
Download  AX3531 Click to download

File Size   819.52 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.25MHz, 2A Synchronous Step-Down Converter

AX3531 Datasheet (HTML) - AXElite technology co. ltd


AX3531 Product details

 GENERAL DESCRIPTION
AX3531 is a high efficiency monolithic synchronous buck regulator using a constant frequency, current mode architecture. The device is available in an adjustable version. Supply current with no load is 200uA and drops to <1uA in shutdown. The 2.8V to 5.5V input voltage range makes AX3531 ideally suited for single Li-Ion, two to three AA battery-powered applications. 100% duty cycle provides low dropout operation, extending battery life in portable systems. Switching frequency is internally set at 1.25MHz, allowing the use of small surface mount inductors and capacitors. The internal synchronous switch increases efficiency and decreases need of an external schottky diode. Low output voltages are easily supported with the 0.6V feedback reference voltage. AX3531 is available in small TSOT-23-6L package.

 FEATURES
- 2.8V to 5.5V Input Voltage Range
- Output Voltage from 0.6V to VIN
- High Efficiency: Up to 96%
- 1.25MHz Constant Frequency Operation
- Up to 2A Output Current
- Quiescent Current: 200uA (Typical)
- No Schottky Diode Required
- Current Mode Operation for Excellent Line and Load Transient Response
- Current limit, Enable function
- Short Circuit Protect (SCP)
- Build in soft start function
- ≤ 1μA Shutdown Current
- TSOT-23-6L Pb-Free package
- RoHS and Halogen free compliance.




Similar Part No. - AX3531

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3503 AXELITE-AX3503 Datasheet
856Kb / 15P
1.5 MHz, 1A Synchronous Step-Down Converter
Rev.2.8 Oct.18, 2019
AX3503B AXELITE-AX3503B Datasheet
856Kb / 15P
1.5 MHz, 1A Synchronous Step-Down Converter
Rev.2.8 Oct.18, 2019
AX3503BA AXELITE-AX3503BA Datasheet
856Kb / 15P
1.5 MHz, 1A Synchronous Step-Down Converter
Rev.2.8 Oct.18, 2019
AX3503BZ6 AXELITE-AX3503BZ6 Datasheet
856Kb / 15P
1.5 MHz, 1A Synchronous Step-Down Converter
Rev.2.8 Oct.18, 2019
AX3503BZ6A AXELITE-AX3503BZ6A Datasheet
856Kb / 15P
1.5 MHz, 1A Synchronous Step-Down Converter
Rev.2.8 Oct.18, 2019
More results


Similar Description - AX3531

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
Dual 1A, 1.25MHz Synchronous Step-Down Converter
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
TS3420 TSC-TS3420 Datasheet
419Kb / 9P
2A, 1.25MHz Synchronous Buck Converter
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com