Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3503 Datasheet (PDF) - AXElite technology co. ltd

AX3503 Datasheet PDF - AXElite technology co. ltd
Part # AX3503
Download  AX3503 Download
File Size   856.78 Kbytes
Page   15 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.5 MHz, 1A Synchronous Step-Down Converter

AX3503 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3503 Datasheet PDF - AXElite technology co. ltd

Part # AX3503
Download  AX3503 Click to download

File Size   856.78 Kbytes
Page   15 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.5 MHz, 1A Synchronous Step-Down Converter

AX3503 Datasheet (HTML) - AXElite technology co. ltd


AX3503 Product details

 GENERAL DESCRIPTION
AX3503 is a high efficiency monolithic synchronous buck regulator using a constant frequency, current mode architecture. The device is available in an adjustable version. Supply current with no load is 35uA and drops to <1uA in shutdown. The 2.5V to 6V input voltage range makes AX3503 ideally suited for single Li-Ion, two to four AA battery-powered applications. 100% duty cycle provides low dropout operation, extending battery life in portable systems. PWM pulse skipping mode operation provides very low output ripple voltage for noise sensitive applications. Switching frequency is internally set at 1.5MHz, allowing the use of small surface mount inductors and capacitors. The internal synchronous switch increases efficiency and decreases need of an external Schottky diode. Low output voltages are easily supported with the 0.6V feedback reference voltage. AX3503 is available in small SOT-23-5L and TDFN-6L (2*2) packages.

 FEATURES
- 2.5V to 6V Input Voltage Range
- High Efficiency: Up to 94%
- 1.5MHz Constant Frequency Operation
- 1A Output Current at VIN=3.6V and VOUT=1.8V
- Quiescent Current: 35uA (input < 4.2V)
- No Schottky Diode Required
- 100% Duty Cycle in Dropout
- 0.6V Reference Allows Low Output Voltages
- Current Mode Operation for Excellent Line and Load Transient Response
- Current limit, Enable function
- Short Circuit Protect (SCP)
- ≤ 1μA Shutdown Current
- SOT-23-5L and TDFN-6L (2*2) Pb-Free packages
- RoHS and Halogen free compliance.




Similar Part No. - AX3503

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3513 AXELITE-AX3513 Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
AX3513BT AXELITE-AX3513BT Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
AX3513BTA AXELITE-AX3513BTA Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
AX3513Z6 AXELITE-AX3513Z6 Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
AX3513Z6A AXELITE-AX3513Z6A Datasheet
1Mb / 15P
1.4MHz, 1A Synchronous Step-Down Converter
Rev.1.9 Oct.30, 2019
More results


Similar Description - AX3503

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3100 FOSLINK-FSP3100 Datasheet
428Kb / 11P
1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
logo
SHANGHAI BELLING CO., L...
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
1.5 MHz, 1A Synchronous Buck Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
2.25MHz 1A Synchronous Step-Down Converter
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
2.25MHz 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
Linear Technology
LTC3646 LINER-LTC3646 Datasheet
586Kb / 28P
40V, 1A Synchronous Step-Down Converter
36461fc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com