Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3513 Datasheet (PDF) - AXElite technology co. ltd

AX3513 Datasheet PDF - AXElite technology co. ltd
Part # AX3513
Download  AX3513 Download
File Size   1045.38 Kbytes
Page   15 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.4MHz, 1A Synchronous Step-Down Converter

AX3513 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3513 Datasheet PDF - AXElite technology co. ltd

Part # AX3513
Download  AX3513 Click to download

File Size   1045.38 Kbytes
Page   15 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.4MHz, 1A Synchronous Step-Down Converter

AX3513 Datasheet (HTML) - AXElite technology co. ltd


AX3513 Product details

 GENERAL DESCRIPTION
AX3513 is a high efficiency monolithic synchronous buck regulator using a constant frequency, current mode architecture. The device is available in an adjustable version. Supply current with no load is 250uA and drops to <1uA in shutdown. The 2.5V to 5.5V input voltage range makes AX3513 ideally suited for single Li-Ion, two to three AA battery-powered applications. 100% duty cycle provides low dropout operation, extending battery life in portable systems. PWM operation provides very low output ripple voltage for noise sensitive applications. Switching frequency is internally set at 1.4MHz, allowing the use of small surface mount inductors and capacitors. The internal synchronous switch increases efficiency and decreases need of an external schottky diode. Low output voltages are easily supported with the 0.6V feedback reference voltage. AX3513 is available in small TSOT-23-5L and TDFN-6L packages.

 FEATURES
- 2.5V to 5.5V Input Voltage Range
- Output Voltage from 0.6V to VIN
- High Efficiency: Up to 96%
- 1.4MHz Constant Frequency Operation
- Up to 1A Output Current
- Quiescent Current: 250 uA (Typical)
- No Schottky Diode Required
- Current Mode Operation for Excellent Line and Load Transient Response
- Current limit, Enable function
- Short Circuit Protect (SCP)
- Build in soft start function
- ≤ 1μA Shutdown Current
- TSOT-23-5L and TDFN-6L Pb-Free packages
- RoHS and Halogen free compliance.




Similar Part No. - AX3513

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3515 AXELITE-AX3515 Datasheet
837Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3515A AXELITE-AX3515A Datasheet
743Kb / 13P
Dual High Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3515AJ10A AXELITE-AX3515AJ10A Datasheet
743Kb / 13P
Dual High Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3515J12A AXELITE-AX3515J12A Datasheet
837Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3518 AXELITE-AX3518 Datasheet
824Kb / 14P
1MHz, 3.2A Synchronous Step-Down Converter
Rev.1.3 Nov.26, 2019
More results


Similar Description - AX3513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1973 MAXIM-MAX1973 Datasheet
331Kb / 15P
Smallest 1A, 1.4MHz Step-Down Regulators
Rev 0; 7/02
logo
ACE Technology Co., LTD...
ACE721B ACE-ACE721B Datasheet
740Kb / 8P
1.3A 1.4MHz Synchronous Step-Down Converter
VER 1.2
logo
Monolithic Power System...
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
1A, 16V, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
1.4MHz Step-Down Converter
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
1.4MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
1.4MHz, 1.5A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
MT2482 ETC1-MT2482 Datasheet
711Kb / 11P
1.4MHz, 18V竊?A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com